Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L165 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L165
Description  3A POWER OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L165 Datasheet(HTML) 3 Page - STMicroelectronics

  L165 Datasheet HTML 1Page - STMicroelectronics L165 Datasheet HTML 2Page - STMicroelectronics L165 Datasheet HTML 3Page - STMicroelectronics L165 Datasheet HTML 4Page - STMicroelectronics L165 Datasheet HTML 5Page - STMicroelectronics L165 Datasheet HTML 6Page - STMicroelectronics L165 Datasheet HTML 7Page - STMicroelectronics L165 Datasheet HTML 8Page - STMicroelectronics L165 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vs
Supply Voltage
± 6
± 18
V
Id
Quiescent Drain Current
Vs =
± 18 V
40
60
mA
Ib
Input Bias Current
0.2
1
µA
Vos
Input Offset Voltage
± 2
± 10
mV
Ios
Input Offset Current
± 20
± 200
nA
SR
Slew-rate
Gv = 10
8
V/
µs
Gv = 1 (
°)
6
Vo
Output Voltage Swing
f = 1 kHz
Ip = 0.3 A
Ip = 3 A
27
24
Vpp
f = 10 kHz
Ip = 0.3 A
Ip = 3 A
27
23
VPP
R
Input Resistance (pin 1)
f = 1 KHz
100
500
K
Ω
Gv
Voltage Gain (open loop)
80
dB
eN
Input Noise Voltage
B = 10 to 10 000 Hz
2
µV
iN
Input Noise Current
100
pA
CMR
Common-mode Rejection
Rg
≤ 10 KΩ
Gv = 30 dB
70
dB
SVR
Supply Voltage Rejection
Rg = 22 K
Ω
Vripple = 0.5 Vrms
fripple = 100 Hz
Gv = 10
60
dB
dB
dB Gv = 100
40
dB
Efficiency
f = 1 kHz
RL = 4
Ω
Ip = 1.6 A; Po = 5W
70
%
Ip = 3 A; Po = 18 W
60
%
Tsd
Thermal Shut-down Case
Temperature
Ptot = 12 W
110
°C
Ptot = 6 W
130
ELECTRICAL CHARACTERISTICS (VS =
± 15 V, Tj = 25 °C unless otherwise specified)
3/9
L165



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com