Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L165 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L165
Description  3A POWER OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L165 Datasheet(HTML) 1 Page - STMicroelectronics

  L165 Datasheet HTML 1Page - STMicroelectronics L165 Datasheet HTML 2Page - STMicroelectronics L165 Datasheet HTML 3Page - STMicroelectronics L165 Datasheet HTML 4Page - STMicroelectronics L165 Datasheet HTML 5Page - STMicroelectronics L165 Datasheet HTML 6Page - STMicroelectronics L165 Datasheet HTML 7Page - STMicroelectronics L165 Datasheet HTML 8Page - STMicroelectronics L165 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
L165
3A POWER OPERATIONAL AMPLIFIER
OUTPUT CURRENT UP TO 3A
LARGE COMMON-MODE AND DIFFERENTIAL
MODE RANGES
SOA PROTECTION
THERMAL PROTECTION
± 18V SUPPLY
DESCRIPTION
The L165 is a monolithic integrated circuit in
Pentawatt® package, intended for use as power
operational amplifier in a wide range of applica-
tions, including servo amplifiers and power sup-
plies. The high gain and high output power
capability provide superiore performance wherever
an operational amplifier/power booster combina-
tion is required.
October 1991
Pentawatt
®
ORDERING NUMBER : L165V
Symbol
Parameter
Value
Unit
Vs
Supply voltage
± 18
V
V5 V4
Upper power transistor VCE
36
V
V4 V3
Lower power transistor VCE
36
V
Vi
Input voltage
Vs
Vj
Differential input voltage
± 15
V
Io
Peak output current (internally limited)
3.5
A
Ptot
Power dissipation at Tcase = 90
°C
20
W
Tstg, Tj
Storage and junction temperature
-40 to 150
°C
ABSOLUTE MAXIMUM RATINGS
APPLICATION CIRCUITS
Figure 2. Unity gain configuration.
Figure 1. Gain > 10.
1/9


Similar Part No. - L165

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L165 STMICROELECTRONICS-L165 Datasheet
129Kb / 9P
3A POWER OPERATIONAL AMPLIFIER
Jul-2003
logo
List of Unclassifed Man...
L1652 ETC-L1652 Datasheet
928Kb / 11P
Liquid Crystal Display Modules
logo
STMicroelectronics
L165V STMICROELECTRONICS-L165V Datasheet
129Kb / 9P
3A POWER OPERATIONAL AMPLIFIER
Jul-2003
L165 STMICROELECTRONICS-L165_03 Datasheet
129Kb / 9P
3A POWER OPERATIONAL AMPLIFIER
Jul-2003
More results

Similar Description - L165

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
STMicroelectronics
L165 STMICROELECTRONICS-L165_03 Datasheet
129Kb / 9P
3A POWER OPERATIONAL AMPLIFIER
Jul-2003
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com