Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L200 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L200
Description  ADJUSTABLE VOLTAGE AND CURRENT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L200 Datasheet(HTML) 1 Page - STMicroelectronics

  L200 Datasheet HTML 1Page - STMicroelectronics L200 Datasheet HTML 2Page - STMicroelectronics L200 Datasheet HTML 3Page - STMicroelectronics L200 Datasheet HTML 4Page - STMicroelectronics L200 Datasheet HTML 5Page - STMicroelectronics L200 Datasheet HTML 6Page - STMicroelectronics L200 Datasheet HTML 7Page - STMicroelectronics L200 Datasheet HTML 8Page - STMicroelectronics L200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
®
L200
ADJUSTABLE VOLTAGE AND CURRENT REGULATOR
ADJUSTABLE OUTPUT CURRENT UP TO 2 A
(GUARANTEED UP TO Tj = 150
°C)
ADJUSTABLE OUTPUT VOLTAGE DOWN TO
2.85 V
INPUT OVERVOLTAGE PROTECTION (UP TO
60 V, 10 ms)
SHORT CIRCUIT PROTECTION
OUTPUT TRANSISTOR S.O.A. PROTECTION
THERMAL OVERLOAD PROTECTION
LOW BIAS CURRENT ON REGULATION PIN
LOW STANDBY CURRENT DRAIN
DESCRIPTION
The L200 is a monolithic integrated circuit for volt-
age and current programmable regulation. It is
available in Pentawatt® package or 4-lead TO-3
metal case.Current limiting, power limiting, thermal
shutdown and input overvoltage protection (up to
January 2000
Pentawatt®
TO-3 (4 lead)
60 V) make the L200 virtually blow-out proof.
The L200 can be used to replace fixed voltage
regulators when high output voltage precision is
required and eliminates the need to stock a range
of fixed voltage regulators.
Symbol
Parameter
Value
Unit
Vi
DC Input Voltage
40
V
Vi
Peak Input Voltage (10 ms)
60
V
∆Vi-o
Dropout Voltage
32
V
Io
Output Current
internally limited
Ptot
Power Dissipation
internally limited
Tstg
Storage Temperature
-55 to 150
°C
Top
Operating Junction Temperature for L200C
-25 to 150
°C
for L200
-55 to 150
°C
ABSOLUTE MAXIMUM RATINGS
TO-3
Pentawatt®
Rth j-case
Thermal Resistance Junction-case
Max
4
°C/W
3
°C/W
Rth j-amb
Thermal Resistance Junction-ambient
Max
35
°C/W
50
°C/W
THERMAL DATA
1/12


Similar Part No. - L200

ManufacturerPart #DatasheetDescription
logo
LEDTRONICS, INC
L200-0IW-20D LEDTRONICS-L200-0IW-20D Datasheet
57Kb / 3P
L200-0IW-20D
L200-0IW-40D LEDTRONICS-L200-0IW-40D Datasheet
58Kb / 3P
L200-0IW-40D
L200-0WW-20D LEDTRONICS-L200-0WW-20D Datasheet
54Kb / 3P
L200-0WW-20D
logo
List of Unclassifed Man...
L200-TC ETC2-L200-TC Datasheet
1Mb / 2P
LABFACILITY L200 USB HIGH PRECISION DIGITAL THERMOMETER/DATA LOGGER
logo
Artesyn Technologies
L2000 ARTESYN-L2000 Datasheet
61Kb / 4P
Single output 2000 Watt AC/DC high current power supplies
More results

Similar Description - L200

ManufacturerPart #DatasheetDescription
logo
AUK corp
S1117-XXD AUK-S1117-XXD Datasheet
328Kb / 6P
Adjustable and Fixed Voltage Regulator
S1117-XXPIC AUK-S1117-XXPIC Datasheet
329Kb / 6P
Adjustable and Fixed Voltage Regulator
S1117-XXQ AUK-S1117-XXQ Datasheet
329Kb / 6P
Adjustable and Fixed Voltage Regulator
logo
KODENSHI_AUK CORP.
SJ1117-AF KODENSHI-SJ1117-AF Datasheet
639Kb / 18P
Adjustable and Fixed Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM317EMP TGS-LM317EMP Datasheet
406Kb / 7P
HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS19603 TSC-TS19603 Datasheet
152Kb / 6P
400mA High Voltage Adjustable Current Regulator
logo
SHANGHAI BELLING CO., L...
BL317BT BELLING-BL317BT Datasheet
259Kb / 10P
HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
BL317B BELLING-BL317B Datasheet
259Kb / 10P
HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
SJ1117XXX KODENSHI-SJ1117XXX Datasheet
437Kb / 17P
Adjustable and Fixed Voltage Regulator
logo
AiT Semiconductor Inc.
A317B AITSEMI-A317B Datasheet
500Kb / 9P
BIPOLAR LINEAR REGULATOR HIGH CURRENT ADJUSTABLE VOLTAGE
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com