Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L200 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L200
Description  ADJUSTABLE VOLTAGE AND CURRENT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L200 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L200 Datasheet HTML 4Page - STMicroelectronics L200 Datasheet HTML 5Page - STMicroelectronics L200 Datasheet HTML 6Page - STMicroelectronics L200 Datasheet HTML 7Page - STMicroelectronics L200 Datasheet HTML 8Page - STMicroelectronics L200 Datasheet HTML 9Page - STMicroelectronics L200 Datasheet HTML 10Page - STMicroelectronics L200 Datasheet HTML 11Page - STMicroelectronics L200 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TO3 4-Leads
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
11.8
0.46
B (*)
1
0.39
C
2.5
0.098
D
9.6
0.37
E
20
0.78
G
12.7
0.50
N50
° (typ.)
O30
° (typ.)
P
26.2
1.03
R
3.88
4.20
0.15
0.16
U
39.5
1.55
V
30.1
1.18
(*) Measured with Gauge
OUTLINE AND
MECHANICAL DATA
11/12
L200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com