Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2720 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L2720
Description  LOWDROP DUAL POWER OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2720 Datasheet(HTML) 1 Page - STMicroelectronics

  L2720 Datasheet HTML 1Page - STMicroelectronics L2720 Datasheet HTML 2Page - STMicroelectronics L2720 Datasheet HTML 3Page - STMicroelectronics L2720 Datasheet HTML 4Page - STMicroelectronics L2720 Datasheet HTML 5Page - STMicroelectronics L2720 Datasheet HTML 6Page - STMicroelectronics L2720 Datasheet HTML 7Page - STMicroelectronics L2720 Datasheet HTML 8Page - STMicroelectronics L2720 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
L2720/2/4
November 1996
LOW DROP DUAL POWER OPERATIONAL AMPLIFIERS
.
OUTPUT CURRENT TO 1 A
.
OPERATES AT LOW VOLTAGES
.
SINGLE OR SPLIT SUPPLY
.
LARGE COMMON-MODE AND DIFFEREN-
TIAL MODE RANGE
.
LOW INPUT OFFSET VOLTAGE
.
GROUND COMPATIBLE INPUTS
.
LOW SATURATION VOLTAGE
.
THERMAL SHUTDOWN
.
CLAMP DIODE
DESCRIPTION
The L2720, L2722 and L2724 are monolithic inte-
grated circuits in powerdip, minidip and SIP-9 pack-
ages, intended for use as power operational ampli-
fiers in a wide range of applications including servo
amplifiers and power supplies.
They are particularly indicated for driving, inductive
loads, as motor and finds applications in compact-
disc VCR automotive, etc.
The high gain and high output power capability pro-
vide superior performance whatever an operational
amplifier/power booster combination is required.
PO WERDI P
(8 + 8)
MINIDI P
(Plastic)
SI P9
ORDERING NUMBERS :
L2720 (Powerdip)
L2722 (Minidip)
L2724 (SIP9)
1/10
PIN CONNECTIONS (top views)
L2720
L2722
L2724


Similar Part No. - L2720

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L2720 STMICROELECTRONICS-L2720 Datasheet
936Kb / 10P
LOW DROP DUAL POWER OPERATIONAL AMPLIFIERS
Jul-2003
L2720D STMICROELECTRONICS-L2720D Datasheet
143Kb / 6P
LOW DROP DUAL POWER OPERATIONAL AMPLIFIER
Sep-2002
L2720W STMICROELECTRONICS-L2720W Datasheet
217Kb / 12P
Low drop dual power operational amplifiers
03-Sep-2010
L2720W13TR STMICROELECTRONICS-L2720W13TR Datasheet
217Kb / 12P
Low drop dual power operational amplifiers
03-Sep-2010
L2720 STMICROELECTRONICS-L2720_03 Datasheet
936Kb / 10P
LOW DROP DUAL POWER OPERATIONAL AMPLIFIERS
Jul-2003
More results

Similar Description - L2720

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272 Datasheet
110Kb / 10P
DUAL POWER OPERATIONAL AMPLIFIERS
Jan-1995
L2726 STMICROELECTRONICS-L2726 Datasheet
64Kb / 6P
LOWDROP DUALPOWER OPERATIONAL AMPLIFIER
Oct-1998
logo
List of Unclassifed Man...
PA21 ETC-PA21 Datasheet
84Kb / 5P
POWER DUAL OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA74 APEX-PA74 Datasheet
288Kb / 4P
POWER DUAL OPERATIONAL AMPLIFIERS
PA75 APEX-PA75 Datasheet
337Kb / 4P
DUAL POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272_03 Datasheet
889Kb / 10P
DUAL POWER OPERATIONAL AMPLIFIERS
Jul-2003
logo
Cirrus Logic
PA74 CIRRUS-PA74 Datasheet
212Kb / 5P
Power Dual Operational Amplifiers
PA75 CIRRUS-PA75 Datasheet
176Kb / 4P
Dual Power Operational Amplifiers
logo
List of Unclassifed Man...
PA75CC ETC2-PA75CC Datasheet
773Kb / 5P
Dual Power Operational Amplifiers
logo
STMicroelectronics
L272D013TR STMICROELECTRONICS-L272D013TR Datasheet
898Kb / 10P
DUAL POWER OPERATIONAL AMPLIFIERS
Jul-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com