Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2720 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L2720
Description  LOWDROP DUAL POWER OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2720 Datasheet(HTML) 3 Page - STMicroelectronics

  L2720 Datasheet HTML 1Page - STMicroelectronics L2720 Datasheet HTML 2Page - STMicroelectronics L2720 Datasheet HTML 3Page - STMicroelectronics L2720 Datasheet HTML 4Page - STMicroelectronics L2720 Datasheet HTML 5Page - STMicroelectronics L2720 Datasheet HTML 6Page - STMicroelectronics L2720 Datasheet HTML 7Page - STMicroelectronics L2720 Datasheet HTML 8Page - STMicroelectronics L2720 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
THERMAL DATA
SIP-9
Powerdip
Minidip
Rth j-case
Thermal Resistance Junction-case
Max.
10
oC/W
15
oC/W
70
oC/W
Rth j-amb
Thermal Resistance Junction-ambient
Max.
70
oC/W
70
oC/W
100
oC/W
ELECTRICAL CHARACTERISTICS
Vs = 24V, Tamb = 25
oC unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vs
Single Supply Voltage
4
28
V
Vs
Split Supply Voltage
± 2
± 14
V
Is
Quiescent Drain Current
Vo
=
Vs
2
Vs = 24V
10
15
mA
Vs =8V
9
15
Ib
Input Bias Current
0.2
1
µA
Vos
Input Offset Voltage
10
mV
Ios
Input Offset Current
100
nA
SR
Slew Rate
2
V/
µs
B
Gain-bandwidth Product
1.2
MHz
Ri
Input Resistance
500
k
Ω
Gv
O.L. Voltage Gain
f = 100Hz
f = 1kHz
70
80
60
dB
eN
Input Noise Voltage
B = 22Hz to 22kHz
10
µV
IN
Input Noise Voltage
200
pA
CMR
Common Mode Rejection
f = 1kHz
66
84
dB
SVR
Supply Voltage Rejection
f = 100Hz
Vs = 24V
RG = 10k
Ω
Vs =
±12V
VR = 0.5V
Vs =
±6V
60
70
75
80
dB
VDROP(HIGH)
Vs =
±2.5V to ±12V Ip = 100mA
Ip = 500mA
0.7
1
1.5
V
VDROP(LOW)
Vs =
±2.5V to ±12V Ip = 100mA
Ip = 500mA
0.3
0.5
1
V
Cs
Channel Separation
f = 1KHz
Vs = 24V
RL =10
Ω
Vs =6V
Gv = 30dB
60
60
dB
Tsd
Thermal Shutdown Junction
Temperature
145
oC
Figure 1 :
Quiescent Current vs. Supply Voltage
FIgure 2 :
Open Loop Gain vs. Frequency
L2720/2/4
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com