Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2726 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L2726
Description  LOWDROP DUALPOWER OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2726 Datasheet(HTML) 1 Page - STMicroelectronics

  L2726 Datasheet HTML 1Page - STMicroelectronics L2726 Datasheet HTML 2Page - STMicroelectronics L2726 Datasheet HTML 3Page - STMicroelectronics L2726 Datasheet HTML 4Page - STMicroelectronics L2726 Datasheet HTML 5Page - STMicroelectronics L2726 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
L2726
October 1998
LOW DROP DUAL POWER OPERATIONAL AMPLIFIER
®
.
OUTPUT CURRENT TO 1 A
.
OPERATES AT LOW VOLTAGES
.
SINGLE OR SPLIT SUPPLY
.
LARGE COMMON-MODE AND
DIFFERENTIAL MODE RANGE
.
LOW INPUT OFFSET VOLTAGE
.
GROUND COMPATIBLE INPUTS
.
LOW SATURATION VOLTAGE
.
THERMAL SHUTDOWN
.
CLAMP DIODE
DESCRIPTION
The L2726 is a monolithic integratedcircuit in SO-20
package intended for use as power operational am-
plifiers in a widerangeof applicationsincluding servo
amplifiers and power supplies.
It is particularly indicated for driving inductive loads,
as motor and finds applications in compact-disc
VCR automative, etc.
The high gain and high output power capability pro-
vide superior performance whatever an operational
amplifier/power booster combination is required.
PIN CONNECTION (top view)
SO20
(12 + 4 + 4)
ORDERING NUMBER : L2726
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
1/6


Similar Part No. - L2726

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272 Datasheet
110Kb / 10P
DUAL POWER OPERATIONAL AMPLIFIERS
Jan-1995
logo
Fairchild Semiconductor
L272 FAIRCHILD-L272 Datasheet
78Kb / 10P
Dual Power Operational Amplifier
L272 FAIRCHILD-L272 Datasheet
752Kb / 8P
Dual Power Operational Amplifier
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272 Datasheet
889Kb / 10P
DUAL POWER OPERATIONAL AMPLIFIERS
Jul-2003
L272 STMICROELECTRONICS-L272 Datasheet
898Kb / 10P
DUAL POWER OPERATIONAL AMPLIFIERS
Jul-2003
More results

Similar Description - L2726

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
STMicroelectronics
L2720 STMICROELECTRONICS-L2720 Datasheet
113Kb / 10P
LOWDROP DUAL POWER OPERATIONAL AMPLIFIERS
Nov-1996
L4805-L4885-L4892 STMICROELECTRONICS-L4805-L4885-L4892 Datasheet
138Kb / 7P
VERY LOWDROP VOLTAGE REGULATORS
Mar-1992
L4920 STMICROELECTRONICS-L4920 Datasheet
64Kb / 7P
VERY LOWDROP ADJUSTABLE REGULATORS
Jun-2000
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
logo
First Components Intern...
LP2950 FCI-LP2950 Datasheet
592Kb / 8P
LOWDrop Out Voltage Regulators
logo
Linear Technology
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com