Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS0102-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CMS0102-HF
Description  MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CMS0102-HF Datasheet(HTML) 1 Page - Comchip Technology

  CMS0102-HF Datasheet HTML 1Page - Comchip Technology CMS0102-HF Datasheet HTML 2Page - Comchip Technology CMS0102-HF Datasheet HTML 3Page - Comchip Technology CMS0102-HF Datasheet HTML 4Page - Comchip Technology CMS0102-HF Datasheet HTML 5Page - Comchip Technology CMS0102-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOSFET
RoHS Device
CMS0102-HF
Maximum Ratings ( Ta=25°C unless otherwise noted )
Comchip Technology CO., LTD.
Halogen Free
Dimensions in inches and (millimeter)
SOT-23
3
1
2
0.119(3.00)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.071(1.80)
0.041(1.05)
0.035(0.90)
0.020(0.50)
0.012(0.30)
0.006(0.15)
0.003(0.08)
0.100(2.55)
0.089(2.25)
0.004(0.10)
0.012(0.30)
0.020(0.50)
0.000(0.00)
N-Channel
Circuit Diagram
G
D
S
3
1
2
Features
- VDS=100V, ID=2A.
RDS(ON) < 240 mΩ @ VGS=10V (Typ: 210mΩ).
- High density cell design for ultra low Rdson.
- Fully characterized avalanche voltage and current.
- Excellent package for good heat dissipation.
Power switching application
Hard switched and high frequency circuits
Uninterruptible power supply
-
-
-
Application
Description
The CMS0102 uses advanced trench technology
and design to provide excellent RDS(ON) with low
gate charge. It can be used in a wide variety of
applications.
Parameter
Symbol
Limit
Unit
Drain-source voltage
Gate-source voltage
Drain current-continuous
Drain current-pulsed (Note 1)
Maximum power dissipation
Operating junction and storage temperature range
VDS
VGS
ID
IDM
PD
TJ, TSTG
100
±20
2
5
1.25
-55 to 150
V
V
A
A
W
°C
Thermal Characteristic
Unit
Thermal resistance, junction to ambient (Note 2)
RθJA
100
°C/W
Mechanical data
- Case: SOT-23, molded plastic.
- Mounting position: Any.
Page 1
REV:C
SP-JTR29
G : Gate
S : Source
D : Drain


Similar Part No. - CMS0102-HF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMS01 TOSHIBA-CMS01 Datasheet
166Kb / 5P
Switching Mode Power Supply Applications
logo
Comchip Technology
CMS01N60Y-HF COMCHIP-CMS01N60Y-HF Datasheet
648Kb / 7P
MOSFET
REV:A
CMS01P06Y-HF COMCHIP-CMS01P06Y-HF Datasheet
510Kb / 6P
MOSFET
REV:A
CMS01P10TA-HF COMCHIP-CMS01P10TA-HF Datasheet
547Kb / 7P
MOSFET
REV:A
More results

Similar Description - CMS0102-HF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com