Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS0102-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CMS0102-HF
Description  MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CMS0102-HF Datasheet(HTML) 2 Page - Comchip Technology

  CMS0102-HF Datasheet HTML 1Page - Comchip Technology CMS0102-HF Datasheet HTML 2Page - Comchip Technology CMS0102-HF Datasheet HTML 3Page - Comchip Technology CMS0102-HF Datasheet HTML 4Page - Comchip Technology CMS0102-HF Datasheet HTML 5Page - Comchip Technology CMS0102-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MOSFET
Min
Unit
Off Characteristics
Drain-source breakdown voltage
Zero gate voltage drain current
Gate-body leakage current
On Characteristics (Note 3)
Gate threshold voltage
BVDSS
IDSS
IGSS
VGS(th)
100
1
±100
1.2
2.5
V
µA
nA
S
V
Parameter
Condition
Unit
Electrical Characteristics ( Ta=25°C unless otherwise noted )
Max
Typ
110
Symbol
190
Drain-source on-state resistance
Forward transconductance
Dynamic Characteristics (Note 4)
Input capacitance
RDS(ON)
gFS
Ciss
210
1
22
13
mΩ
pF
VGS = 0V, ID = 250µA
VDS = 100V, VGS = 0V
VDS = VGS, ID = 250µA
VGS = ±20V, VDS = 0V
Switching Characteristics (Note 4)
Turn-on delay time
td(on)
6
10
10
nS
Output capacitance
Coss
Reverse transfer capacitance
Turn-on rise time
Crss
Turn-off delay time
Turn-off fall time
tf
6
5.2
Total gate charge
1.4
Gate-drain charge
Drain-Source Diode Characteristics
Diode forward voltage (Note 3)
VSD
0.75
1.2
2
nC
V
A
Notes:
tr
td(off)
Gate-source charge
Qg
Qgs
Qgd
IS
VGS = 10V, ID = 1A
VDS = 50V, VGS = 0, f = 1MHz
1.8
240
VDS = 5V, ID = 1A
VDD = 50V, ID = 1.3A, RL = 39Ω,
VGS = 10V, RG = 1Ω
VGS = 0V, IS = 1.3A
VDS = 50V, ID = 1.3A, VGS = 10V
Diode forward current (Note 2)
1. Repetitive rating: Pulse width limited by maximum junction temperature.
2. Surface mounted on FR4 board, t ≤ 10 sec.
3. Pulse test: Pulse width ≤ 300 µs, duty cycle ≤ 2% .
4. Guaranteed by design, not subject to production.
Comchip Technology CO., LTD.
Page 2
REV:C
SP-JTR29



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com