Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2DA68HF Datasheet(PDF) 3 Page - nVent Electric plc

Part # P2DA68HF
Description  Side Door Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2DA68HF Datasheet(HTML) 3 Page - nVent Electric plc

  P2DA68HF Datasheet HTML 1Page - nVent Electric plc P2DA68HF Datasheet HTML 2Page - nVent Electric plc P2DA68HF Datasheet HTML 3Page - nVent Electric plc P2DA68HF Datasheet HTML 4Page - nVent Electric plc P2DA68HF Datasheet HTML 5Page - nVent Electric plc P2DA68HF Datasheet HTML 6Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PROLINE G2 ExtERNaL COmPONENts Door Accessories
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
mOduLaR ENCLOsuRE sOLutIONs
3
Spec-01190 B
180-dEGREE HINGE KIt
Hinge option for modular enclosure
doors to provide up to a 260-degree
door opening on single-door
enclosures.
Bulletin: p40
Catalog Number
Description
P2AH180
PROLINE G2 180-Degree Hinge Kit
REmOtE dOOR swItCHEs
•
The remote door switch can
activate a light or other electrical
component when the enclosure
door is opened
•
Mounts on enclosure frame and
includes mounting hardware
•
Mounting plate is 14 gauge steel
with a plated finish
•
Can be hard-wired to the
PANELITE LED or Fluorescent
light or connected via the
PANELITE Door Switch Cable
Bulletin: A80lt, p20
Catalog Number
Description
ALFSWD
Door switch assembly (order connection cable separately)
PLFSWD
Door switch assembly for PROLINE and PROLINE G2
(order connection cable separately)
tOuCH-saFE uL LIGHt swItCH
aPPLICatION
The Touch-Safe light switch is designed to be used with Hoffman
light kits (AC and DC). It provides a UL listed touch-safe switch that
can be used on many enclosure types and includes hardware for
most applications. The light switch maintains enclosure overall
rating up to UL 508A Type 4X or 12.
FEatuREs
•
UL listed for a touch-safe wire connection
•
Easily mounted to various enclosure types; common bracket and
hardware included for many enclosure types (NEMA, CONCEPT/
FUSION G7, PROLINE, Free-Stand Type 12)
•
Cable PG compression hub
•
Wide operating temperature range: -49°F to +158°F (-45°C to
70°C)
•
Rugged die-cast anodized zinc construction
•
Connection 3 cage clamps for solid and stranded wire AWG 20-14
(0.5-2.5mm²)
•
Protection class I (grounded)
Bulletin: A80lt
Catalog Number
Max. Cable Dia.
Max. Voltage
LDSWITCH
.375 in.
250 AC / 48 DC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com