Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2DA68HF Datasheet(PDF) 4 Page - nVent Electric plc

Part # P2DA68HF
Description  Side Door Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2DA68HF Datasheet(HTML) 4 Page - nVent Electric plc

  P2DA68HF Datasheet HTML 1Page - nVent Electric plc P2DA68HF Datasheet HTML 2Page - nVent Electric plc P2DA68HF Datasheet HTML 3Page - nVent Electric plc P2DA68HF Datasheet HTML 4Page - nVent Electric plc P2DA68HF Datasheet HTML 5Page - nVent Electric plc P2DA68HF Datasheet HTML 6Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PROLINE G2 ExtERNaL COmPONENts Door Accessories
PH 763.422.2211
nVent.com/HOFFMAN
mOduLaR ENCLOsuRE sOLutIONs
4
Spec-01190 B
ELECtRICaL INtERLOCK
INdustRY staNdaRds
UL Component Recognized
CSA Certified
aPPLICatION
Provides positive internal safety lockout on electrical enclosures
while the equipment is energized. Catalog numbers AEK115,
AEK230 and AEK460 are used with standard Hoffman door latching
mechanisms. When energized, these interlocks prevent the door
handle from being turned to open the door. The interlock fits either
clockwise or counterclockwise handles in the following enclosures:
1. All two-door Type 4 and 12 enclosures
2. All Type 4X with 3-point latch enclosures
3. Free-stand Type 12 enclosures
4. All single-door Type 12 enclosures with latch kits installed
The above interlocks will fit the following enclosures, but
modifications are required. Consult the factory for more
information.
1. Two-Door Enclosures for Flange-Mounted Disconnects,
Type 12
2. Heavy Duty Free-Stand Enclosures for Flange-Mounted
Disconnects, Type 12
3. Modular Enclosures for Flange-Mounted Disconnects, Type
12
4. Multi-Door Enclosures, Type 12
The interlocks will also fit most Hoffman custom enclosures with
door latching mechanisms similar to the mechanisms used on the
preceding enclosures.
Non-NDH style electrical interlocks will not fit CONCEPT
Enclosures or Bulletin A25 and A26 Enclosures. Interlocks are not
designed to be used in place of the standard door or cover latch.
Catalog numbers AEK115NDH, AEK230NDH and AEK460NDH are
designed to be used on some Hoffman enclosures and boxes which
have exterior latching only. When energized, these interlocks will
prevent the enclosure door from being opened. They fit on the door
or cover of the following enclosures:
1. One-door Type 4 and 4X enclosures
2. Two-door Type 4 and 4X enclosures
3. One-door Type 12 enclosures
4. Larger sizes of junction boxes
5. Type 1 and large Type 1 enclosures
The above interlocks also fit in most Hoffman custom enclosures
and boxes which have doors or covers hinged similar to doors or
covers on the preceding enclosures.
Installation
Interlock mounts on bracket attached to door bar on inside of
enclosure door.
sPECIFICatIONs
•
Rugged steel construction and plated finish. Solenoids are rated
for continuous duty and will stand up under heavy industrial use.
•
Packaged complete with a solenoid assembly, mounting bracket
and instructions for field installation.
Door handles and latching mechanisms are not included.
Bulletin: p20Dc
Catalog Number
A @ 120 V/60 Hz
Normal/Inrush
A @ 240 V/60 Hz
Normal/Inrush
A @ 480 V/60 Hz
Normal/Inrush
A @ 110 V/50 Hz
Normal/Inrush
A @ 220 V/50 Hz
Normal/Inrush
A @ 440 V/50 Hz
Normal/Inrush
PEK115NDH
.100/.63
.120/.69
PEK230NDH
.050/.32
.060/.35
PEK460NDH
.025/.16
.030/.18



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com