Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPLDINSIGNAL0616EA4 Datasheet(PDF) 2 Page - Amphenol Communications Solutions

Part # BPLDINSIGNAL0616EA4
Description  COST-EFFECTIVE YET DURABLE CONNECTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

BPLDINSIGNAL0616EA4 Datasheet(HTML) 2 Page - Amphenol Communications Solutions

  BPLDINSIGNAL0616EA4 Datasheet HTML 1Page - Amphenol Communications Solutions BPLDINSIGNAL0616EA4 Datasheet HTML 2Page - Amphenol Communications Solutions BPLDINSIGNAL0616EA4 Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For more information,
please contact: Communications@fci.com
or visit us at www.fci.com
Disclaimer
Please note that the above information is subject to change without notice.
DIN 41612 SIGNAL HEADERS & RECEPTACLES
TECHNICAL INFORMATION
MATERIALS
§
§
Insulator: Polyester Thermoplastic
§
§
Housings can withstand exposure to lead
free wave soldering temperature of 260ºC to
265ºC when used along with high temperature
adhesive or protective metallic device for right
angle connectors.
§
§
Contact: Copper Alloy (Male & Female contact)
§
§
Plating: Lead-free version
§
§
Male & Female contacts (DIN 41612 compliant)
§
§
Active contact areas selectively plated
§
§
Gold over Nickel or GXT® over Nickel on
mating surface
§
§
Tin over Nickel on solder termination
MECHANICAL PERFORMANCE
§
§
Mating Insertion Force per Contact: ≤ 0.94N
§
§
Mating Extraction Force per Contact: ≥ 0.15N
§
§
Contact Retention in Insulator: ≥ 20N
§
§
Vibration: ≤ 1μs
≤ 40mΩ
§
§
Shock: ≤ 1μs
≤ 40mΩ
APPROVALS AND CERTIFICATIONS
§
§
Approved by UL to both UL and CSA standards
PACKAGING
§
§
Tray
§
§
Tube
§
§
Carton
ELECTRICAL PERFORMANCE
§
§
Current Rating at 20ºC: 1.5A
§
§
Maximum Current: 2A
§
§
Contact Resistance: ≤ 20mΩ
§
§
Insulation Resistance: ≥ 106MΩ
§
§
Test Voltage (rms): 1000V
§
§
Creepage and Clearance Distance: ≥ 1.2mm
§
§
Wiping/Plug-in Direction: ≥ 1.8mm
ENVIRONMENTAL
§
§
Temperature Range: -55ºC to +125ºC
§
§
Damp Heat
§
§
Steady state 56 days: Class 1
§
§
Steady state 21 days: Class 2
§
§
Not applicable: Class 3
SPECIFICATIONS
§
§
DIN 41612
§
§
IEC 603-2
TARGET MARKETS/APPLICATIONS
Switching/Routing
Enterprise
Transmission
Access - wired/wireless
Home Entertainment
White Goods
Phones
Servers
Personal Computing
Peripheral Device
Medical
Lighting
Process Control
Transportation
Instrumentation
Vehicle Electronics
Energy Transmission/Distribution Control



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com