Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPLDINSIGNAL0616EA4 Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # BPLDINSIGNAL0616EA4
Description  COST-EFFECTIVE YET DURABLE CONNECTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

BPLDINSIGNAL0616EA4 Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  BPLDINSIGNAL0616EA4 Datasheet HTML 1Page - Amphenol Communications Solutions BPLDINSIGNAL0616EA4 Datasheet HTML 2Page - Amphenol Communications Solutions BPLDINSIGNAL0616EA4 Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIN 41612 SIGNAL HEADERS
& RECEPTACLES
COST-EFFECTIVE YET DURABLE
CONNECTORS
AFCI offers a broad and complete range of
interconnection systems conforming to DIN 41612
and IEC 603-2 specifications. They are easily available,
cost-effective, highly durable and ideal for Industrial,
Telecom and Data markets.
§
Standard Mount and Reverse Mount options available
§
Available up to 3 rows and 96 positions with Solder,
Press-fit and pin-in Paste terminations
§
Revolutionary beam-on-beam contact interface
§
3 standard performance class options available
FEATURES
BENEFITS
§
2.54mm pitch
§
Adequate spacing for routing PCB traces
§
Modular system
§
Standardized and cost-effective solutions
§
Selective loading pattern for contacts
§
Improve creepage distance, allow custom loading
§
FMLB/LMEB contacts
§
Critical grounding option
§
Wide range of accessories (board-locks, latches, shrouds,
hoods, keys)
§
Enhances the connector suitability and flexibility
§
Rear plug up variants in press-fit applications
§
Extended mating applications via shrouds on the rear side
of the PCB
TARGET MARKETS


Similar Part No. - BPLDINSIGNAL0616EA4

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
BPL-1 FESTO-BPL-1 Datasheet
80Kb / 1P
Adapter plate
BPL-2 FESTO-BPL-2 Datasheet
74Kb / 1P
Adapter plate
BPL-3 FESTO-BPL-3 Datasheet
74Kb / 1P
Adapter plate
logo
Ferroxcube Internationa...
BPL-CLM-P14 FERROXCUBE-BPL-CLM-P14 Datasheet
28Kb / 1P
BPL-CLM-P14
BPL-CLM-P18 FERROXCUBE-BPL-CLM-P18 Datasheet
28Kb / 1P
BPL-CLM-P18
More results

Similar Description - BPLDINSIGNAL0616EA4

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
HLE10702LDV SAMTEC-HLE10702LDV Datasheet
832Kb / 1P
COST-EFFECTIVE RELIABLE SOCKET
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
Cost effective
logo
List of Unclassifed Man...
FX-360 ETC2-FX-360 Datasheet
1Mb / 2P
COST EFFECTIVE PERFECTION
logo
Analog Intergrations Co...
AN011 AIC-AN011 Datasheet
98Kb / 5P
cost-effective technique
logo
Hirose Electric
N.UM HIROSE-N.UM Datasheet
85Kb / 1P
N.UM Series Cost-effective SMB connectors
logo
American Electronic Com...
DG27 AEC-DG27 Datasheet
355Kb / 2P
Cost effective
DG31A AEC-DG31A Datasheet
310Kb / 2P
Cost effective
DG81C AEC-DG81C Datasheet
336Kb / 2P
Cost effective
logo
Laird Tech Smart Techno...
ECE072 LSTD-ECE072 Datasheet
462Kb / 2P
Cost-effective solution
ECE118 LSTD-ECE118 Datasheet
1Mb / 1P
Cost-effective solution
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com