Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L296 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L296
Description  HIGH CURRENT SWITCHINGREGULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L296 Datasheet(HTML) 1 Page - STMicroelectronics

  L296 Datasheet HTML 1Page - STMicroelectronics L296 Datasheet HTML 2Page - STMicroelectronics L296 Datasheet HTML 3Page - STMicroelectronics L296 Datasheet HTML 4Page - STMicroelectronics L296 Datasheet HTML 5Page - STMicroelectronics L296 Datasheet HTML 6Page - STMicroelectronics L296 Datasheet HTML 7Page - STMicroelectronics L296 Datasheet HTML 8Page - STMicroelectronics L296 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
L296
L296P
June 2000
HIGH CURRENT SWITCHING REGULATORS
.
4 A OUTPUT CURRENT
.
5.1 V TO 40 V OUTPUT VOLTAGE RANGE
.
0 TO 100 % DUTY CYCLE RANGE
.
PRECISE (
±2 %) ON-CHIP REFERENCE
.
SWITCHING FREQUENCY UP TO 200 KHz
.
VERY HIGH EFFICIENCY (UP TO 90 %)
.
VERY FEW EXTERNAL COMPONENTS
.
SOFT START
.
RESET OUTPUT
.
EXTERNAL PROGRAMMABLE LIMITING
CURRENT (L296P)
.
CONTROL CIRCUIT FOR CROWBAR SCR
.
INPUT FOR REMOTE INHIBIT AND
SYNCHRONUS PWM
.
THERMAL SHUTDOWN
DESCRIPTION
The L296 andL296P are stepdownpower switching
regulators delivering 4 A at a voltage variable from
5.1 V to 40 V.
Featuresof the devices includesoft start, remote in-
hibit, thermal protection, a reset output for micro-
processors and a PWM comparator input for syn-
chronization in multichip configurations.
The L296P incudes external programmable limiting
current.
The L296 and L296P are mounted in a 15-lead Mul-
tiwatt
® plasticpowerpackageandrequiresvery few
external components.
Efficient operation at switching frequencies up to
200 KHz allows a reduction in the size and cost of
external filter components. A voltage sense input
and SCR drive output are provided for optional
crowbar overvoltage protection with an external
SCR.
Multi watt
®
(15 lead)
ORDERING NUMBERS :
L296 (Vertical)
L296HT (Horizontal)
L296P (Vertical)
L296PHT (Horizont al)
PIN CONNECTION (top view)
®
1/22


Similar Part No. - L296

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L290 STMICROELECTRONICS-L290 Datasheet
104Kb / 8P
TACHOMETER CONVERTER
Mar-1993
logo
Texas Instruments
L2901 TI1-L2901 Datasheet
1Mb / 48P
LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
L2907D14 TI1-L2907D14 Datasheet
96Kb / 7P
FREQUENCY-TO-VOLTAGE CONVERTERS
L2907D8 TI1-L2907D8 Datasheet
96Kb / 7P
FREQUENCY-TO-VOLTAGE CONVERTERS
logo
STMicroelectronics
L290B STMICROELECTRONICS-L290B Datasheet
104Kb / 8P
TACHOMETER CONVERTER
Mar-1993
More results

Similar Description - L296

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTK180N15 IXYS-IXTK180N15 Datasheet
85Kb / 2P
High Current MegaMOSTMFET
logo
Central Semiconductor C...
CCLH080 CENTRAL-CCLH080 Datasheet
78Kb / 2P
HIGH CURRENT CURRENT LIMITING DIODE
logo
Seme LAB
BUX80 SEME-LAB-BUX80 Datasheet
21Kb / 2P
HIGH CURRENT HIGH SPEED
logo
Nanjing International G...
CZT3055 DGNJDZ-CZT3055 Datasheet
219Kb / 1P
High Current
BD135 DGNJDZ-BD135 Datasheet
360Kb / 2P
High Current
logo
Texas Instruments
OPA544 TI1-OPA544_13 Datasheet
180Kb / 11P
High-Voltage, High-Current High-Voltage, High-Current
logo
Illinois Capacitor, Inc...
PHB ILLINOISCAPACITOR-PHB Datasheet
273Kb / 6P
High Current - High voltage ??Good Pulse Current rating
PWS ILLINOISCAPACITOR-PWS Datasheet
193Kb / 3P
Low ESR - High Current ??High pulse current ratings
logo
SHIKUES Electronics
BCP69 SKTECHNOLGY-BCP69 Datasheet
396Kb / 2P
High current, Three current gain selections
logo
Rectron Semiconductor
BCV47 RECTRON-BCV47 Datasheet
118Kb / 2P
High collector current High current gain Complementary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com