Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L296 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L296
Description  HIGH CURRENT SWITCHINGREGULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L296 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L296 Datasheet HTML 2Page - STMicroelectronics L296 Datasheet HTML 3Page - STMicroelectronics L296 Datasheet HTML 4Page - STMicroelectronics L296 Datasheet HTML 5Page - STMicroelectronics L296 Datasheet HTML 6Page - STMicroelectronics L296 Datasheet HTML 7Page - STMicroelectronics L296 Datasheet HTML 8Page - STMicroelectronics L296 Datasheet HTML 9Page - STMicroelectronics L296 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit Fig.
SOFT START
I5so
Source Current
V6 = 0V, V5 = 3V
80
130
150
µA6b
I5si
Sink Current
V6 = 3V, V5 = 3V
50
70
120
µA6b
INHIBIT
V6L
V6H
Input Voltage
Low Level
High Level
Vi = 9V to 46V, V7 = 0V,
S1 : B, S2 : B
– 0.3
2
0.8
5.5
V6a
–I6L
–I6H
Input Current
with Input Voltage
Low Level
High Level
Vi = 9V to 46V, V7 = 0V,
S1 : B, S2 : B
V6 = 0.8V
V6 =2V
10
3
µA6a
ERROR AMPLIFIER
V9H
High Level Output Voltage
V10 = 4.7V, I9 = 100
µA,
S1 : A, S2 : A
3.5
V
6c
V9L
Low Level Output Voltage
V10 = 5.3V, I9 = 100
µA,
S1 : A, S2 : E
0.5
V
6c
I9si
Sink Output Current
V10 = 5.3V, S1 : A, S2 : B
100
150
µA6c
–I9so
Source Output Current
V10 = 4.7V, S1 : A, S2 : D
100
150
µA6c
I10
Input Bias Current
V10 = 5.2V, S1 : B
V10 = 6.4V, S1 : B, L296P
2
2
10
10
µA
µA
6c
6c
Gv
DC Open Loop Gain
V9 = 1V to 3V, S1 : A, S2 : C
46
55
dB
6c
OSCILLATOR AND PWM COMPARATOR
–I7
Input Bias Current of
PWM Comparator
V7 = 0.5V to 3.5V
5
µA6a
–I11
Oscillator Source Current
V11 = 2V, S1 : A, S2 : B
5
mA
RESET
V12 R
Rising Threshold Voltage
Vi = 9V to 46V,
S1 : B, S2 : B
Vref
-150mV
Vref
-100mV
Vref
-50mV
V6d
V12 F
Falling Threshold Voltage
4.75
Vref
-150mV
Vref
-100mV
V6d
V13 D
Delay Thershold Voltage
V12 = 5.3V, S1 : A, S2 : B
4.3
4.5
4.7
V
6d
V13 H
Delay Threshold Voltage
Hysteresis
100
mV
6d
V14 S
Output Saturation Voltage
I14 = 16mA, V12 = 4.7V, S1, S2 : B
0.4
V
6d
I12
Input Bias Current
V12 =0V toVref, S1 : B, S2 : B
1
3
µA6d
–I13 so
I13 si
Delay Source Current
Delay Sink Current
V13 = 3V, S1 : A, S2 : B
V12 = 5.3V
V12 = 4.7V
70
10
110
140
µA
mA
6d
I14
Output Leakage Current
Vi = 46V, V12 = 5.3V, S1 : B, S2 : A
100
µA6d
CROWBAR
V1
Input Threshold Voltage
S1 : B
5.5
6
6.4
V
6b
V15
Output Saturation Voltage
Vi = 9V to 46V, Vi = 5.4V,
I15 = 5mA, S1 : A
0.2
0.4
V
6b
I1
Input Bias Current
V1 = 6V, S1 : B
10
µA6b
–I15
Output Source Current
Vi = 9V to 46V, V1 = 6.5V,
V15 = 2V, S1 : B
70
100
mA
6b
L296 - L296P
6/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com