Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L296P Datasheet(PDF) 14 Page - STMicroelectronics

Part # L296P
Description  HIGH CURRENT SWITCHINGREGULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L296P Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L296P Datasheet HTML 10Page - STMicroelectronics L296P Datasheet HTML 11Page - STMicroelectronics L296P Datasheet HTML 12Page - STMicroelectronics L296P Datasheet HTML 13Page - STMicroelectronics L296P Datasheet HTML 14Page - STMicroelectronics L296P Datasheet HTML 15Page - STMicroelectronics L296P Datasheet HTML 16Page - STMicroelectronics L296P Datasheet HTML 17Page - STMicroelectronics L296P Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
APPLICATION INFORMATION
Figure 34 : Typical Application Circuit.
(*) Minimum value (10
µF) to avoid oscillations ; ripple consideration leads to typical value of 1000 µF or higher L1 : 58930 - MPP COGEMA
946044 ; GUP 20 COGEMA 946045
SUGGESTED INDUCTOR (L1)
Core Type
No Turns
Wire Gauge
Air Gap
Magnetics 58930 – A2MPP
43
1.0 mm
–
Thomson GUP 20 x 16 x 7
65
0.8 mm
1 mm
Siemens EC 35/17/10 (B6633& – G0500 – X127)
40
2 x 0.8 mm
–
VOGT 250
µH Toroidal Coil, Part Number 5730501800
Resistor Values for Standard Output Voltages
V0
R8
R7
12 V
15 V
18 V
24 V
4.7 K
Ω
4.7 K
Ω
4.7 K
Ω
4.7 K
Ω
6.2 K
Ω
9.1 K
Ω
12 K
Ω
18 K
Ω
L296 - L296P
14/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com