Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L296P Datasheet(PDF) 15 Page - STMicroelectronics

Part # L296P
Description  HIGH CURRENT SWITCHINGREGULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L296P Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L296P Datasheet HTML 11Page - STMicroelectronics L296P Datasheet HTML 12Page - STMicroelectronics L296P Datasheet HTML 13Page - STMicroelectronics L296P Datasheet HTML 14Page - STMicroelectronics L296P Datasheet HTML 15Page - STMicroelectronics L296P Datasheet HTML 16Page - STMicroelectronics L296P Datasheet HTML 17Page - STMicroelectronics L296P Datasheet HTML 18Page - STMicroelectronics L296P Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Figure 35 : P.C. Board and Component Layout of the Circuit of fig. 34 (1:1 scale)
SELECTION OF COMPONENT VALUES (see fig. 34)
Component
Recommended
Value
Purpose
Allowed Rage
Notes
Min.
Max.
R1
R2
–
100 k
Ω
Set Input Voltage
Threshold for Reset.
–
220k
Ω R1/R2
Vi min
5
− 1
If output voltage is sensed R1 and
R2 may be limited and pin 12
connected to pin 10.
R3
4.3 k
Ω
Sets Switching Frequency
1 k
Ω
100k
Ω
R4
10 k
Ω
Pull-down Resistor
22k
Ω May be omitted and pin 6 grounded
if inhibit not used.
R5
15 k
Ω
Frequency Compensation
10k
Ω
R6
Collector Load For Reset
Output
VO
0.05A
Omitted if reset function not used.
R7
R8
–
4.7 k
Ω
Divider to Set Output
Voltage
–
–
–
1k
Ω
R7/R8 =
VO
− VREF
VREF
-
Riim
–
Sets Current Limit Level
7.5k
Ω
If Riim is omitted and pin 4 left open
the current limit is internally fixed.
C1
10
µF
Stability
2.2
µF
C2
2.2
µF
Sets Reset Delay
–
–
Omitted if reset function not used.
C3
2.2 nF
Sets Switching Frequency
1 nF
3.3nF
C4
2.2
µF
Soft Start
1
µF
–
Also determines average short
circuit current.
C5
33 nF
Frequency Compensation
C6
390 pF
High Frequency
Compensation
–
–
Not required for 5 V operation.
C7, C8
L1
100
µF
300
µH
Output Filter
–
100
µH
–
Q1
Crowbar Protection
The SCR must be able to withstand
the peak discharge current of the
output capacitor and the short
circuit current of the device.
D1
Recirculation Diode
7A Schottky or 35 ns trr Diode.
L296 - L296P
15/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com