Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L297 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L297
Description  STEPPER MOTOR CONTROLLERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L297 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L297 Datasheet HTML 3Page - STMicroelectronics L297 Datasheet HTML 4Page - STMicroelectronics L297 Datasheet HTML 5Page - STMicroelectronics L297 Datasheet HTML 6Page - STMicroelectronics L297 Datasheet HTML 7Page - STMicroelectronics L297 Datasheet HTML 8Page - STMicroelectronics L297 Datasheet HTML 9Page - STMicroelectronics L297 Datasheet HTML 10Page - STMicroelectronics L297 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
Ileak
Leakage current (pin 3)
VCE =7 V
1
µA
Vsat
Saturation voltage (pin 3)
I = 5 mA
0.4
V
Voff
Comparators offset voltage
(pins 13, 14, 15)
Vref =1 V
5
mV
Io
Comparator bias current
(pins 13, 14, 15)
-100
10
µA
Vref
Input reference voltage (pin 15)
0
3
V
tCLK
Clock time
0.5
µs
tS
Set up time
1
µs
tH
Hold time
4
µs
tR
Reset time
1
µs
tRCLK
Reset to clock delay
1
µs
ELECTRICAL CHARACTERISTICS (continued)
Figure 1.
7/11
L297-L297D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com