Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L297 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L297
Description  STEPPER MOTOR CONTROLLERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L297 Datasheet(HTML) 1 Page - STMicroelectronics

  L297 Datasheet HTML 1Page - STMicroelectronics L297 Datasheet HTML 2Page - STMicroelectronics L297 Datasheet HTML 3Page - STMicroelectronics L297 Datasheet HTML 4Page - STMicroelectronics L297 Datasheet HTML 5Page - STMicroelectronics L297 Datasheet HTML 6Page - STMicroelectronics L297 Datasheet HTML 7Page - STMicroelectronics L297 Datasheet HTML 8Page - STMicroelectronics L297 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
L297
L297D
STEPPER MOTOR CONTROLLERS
NORMAL/WAWE DRIVE
HALF/FULL STEP MODES
CLOCKWISE/ANTICLOCKWISE DIRECTION
SWITCHMODE LOAD CURRENT REGULA-
TION
PROGRAMMABLE LOAD CURRENT
FEW EXTERNAL COMPONENTS
RESET INPUT & HOME OUTPUT
ENABLE INPUT
DESCRIPTION
The L297/A/D Stepper Motor Controller IC gener-
ates four phase drive signals for two phase bipolar
and four phase unipolar step motors in microcom-
puter-controlled applications. The motor can be
driven in half step, normal and wawe drive modes
and on-chip PWM chopper circuits permit switch-
mode control of the current in the windings. A
August 1996
Symbol
Parameter
Value
Unit
Vs
Supply voltage
10
V
Vi
Input signals
7V
Ptot
Total power dissipation (Tamb =70
°C)
1
W
Tstg,Tj
Storage and junction temperature
-40 to + 150
°C
ABSOLUTE MAXIMUM RATINGS
feature of this device is that it requires only clock,
direction and mode input signals. Since the phase
are generated internally the burden on the micro-
processor, and the programmer, is greatly reduced.
Mounted in DIP20 and SO20 packages, the L297
can be used with monolithic bridge drives such as
the L298N or L293E, or with discrete transistors
and darlingtons.
TWO PHASE BIPOLAR STEPPER MOTOR CONTROL CIRCUIT
DIP20
SO20
ORDERING NUMBERS : L297 (DIP20)
L297D (SO20)
1/11


Similar Part No. - L297

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L297 STMICROELECTRONICS-L297 Datasheet
173Kb / 11P
STEPPER MOTOR CONTROLLERS
Dec-2001
logo
SYC Electronica
L297 SYC-L297 Datasheet
222Kb / 10P
STEPPER MOTOR CONTROLLERS
logo
STMicroelectronics
L297D013TR STMICROELECTRONICS-L297D013TR Datasheet
173Kb / 11P
STEPPER MOTOR CONTROLLERS
Dec-2001
More results

Similar Description - L297

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-C200 STMICROELECTRONICS-GS-C200 Datasheet
314Kb / 31P
INTELLIGENT STEPPER MOTOR CONTROLLERS
Jun-1994
L297D013TR STMICROELECTRONICS-L297D013TR Datasheet
173Kb / 11P
STEPPER MOTOR CONTROLLERS
Dec-2001
logo
STEPPERONLINE
23HS22-1504S STEPPERONLINE-23HS22-1504S Datasheet
188Kb / 1P
STEPPER MOTOR
17HS19-0406S STEPPERONLINE-17HS19-0406S Datasheet
130Kb / 1P
STEPPER MOTOR
17HS24-0644S STEPPERONLINE-17HS24-0644S Datasheet
139Kb / 1P
STEPPER MOTOR
17HS24-2104D STEPPERONLINE-17HS24-2104D Datasheet
151Kb / 1P
STEPPER MOTOR
23HM20-0384D STEPPERONLINE-23HM20-0384D Datasheet
158Kb / 1P
STEPPER MOTOR
23HR20-2804S STEPPERONLINE-23HR20-2804S Datasheet
146Kb / 1P
STEPPER MOTOR
23HS16-0884S STEPPERONLINE-23HS16-0884S Datasheet
143Kb / 1P
STEPPER MOTOR
23HS16-2804D STEPPERONLINE-23HS16-2804D Datasheet
144Kb / 1P
STEPPER MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com