Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ND030D-SM02-R Datasheet(PDF) 9 Page - Superior Sensors Technology.

Part # ND030D-SM02-R
Description  Differential Middle Pressure Sensors Industrial Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

ND030D-SM02-R Datasheet(HTML) 9 Page - Superior Sensors Technology.

Back Button ND030D-SM02-R Datasheet HTML 5Page - Superior Sensors Technology. ND030D-SM02-R Datasheet HTML 6Page - Superior Sensors Technology. ND030D-SM02-R Datasheet HTML 7Page - Superior Sensors Technology. ND030D-SM02-R Datasheet HTML 8Page - Superior Sensors Technology. ND030D-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. ND030D-SM02-R Datasheet HTML 10Page - Superior Sensors Technology. ND030D-SM02-R Datasheet HTML 11Page - Superior Sensors Technology. ND030D-SM02-R Datasheet HTML 12Page - Superior Sensors Technology. ND030D-SM02-R Datasheet HTML 13Page - Superior Sensors Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ND Series
Industrial Middle Pressure Sensors
www.SuperiorSensors.com
9
The requirement to send the Mode and Rate bytes on each data read cycle is intentional. The purpose is to force the master to send
specific data for each communication and prevent inadvertent data from being sent to the sensor. Since a SPI interface will generally
re-circulate data through its shift register, the intention is to prevent the pressure output from the sensor from being re-circulated
back to the sensor and potentially causing unintended corruption of the intended mode register.
10.4 I2C Interface
The ND Series is compatible with the I2C protocol. For detailed information regarding the I2C protocol, please refer to the Philips I2C
Bus Specification, Version 2.
10.4.1 I2C Address
The I2C address is set to 0x28 by grounding the SCK line. Other I2C addresses can be established
by applying a voltage to the SCK line by use of a resistor divider across the sensor supply
voltage. The suggested resistor values and the respective I2C address are shown in the table to
the left.
Note: R1 is the lower resister of the divider where R2 is the upper resistor of the divider.
10.4.2 I2C Communications Model
The sensor is configured as a slave device and as such,
the communicating host must be configured as a master.
There are two types of possible data transfers, data
transfers from the master transmitter to an addressed
sensor (WRITE), and data transfers from an addressed
sensor to a master receiver (READ). The master device
initiates both types of data transfers and provides the
serial clock pulses on SCL.
The communications model for I2C is similar to that of SPI
however, since I2C is a half-duplex protocol, the transfer
of information to and from the sensor is separated into
two separate communications. This is in contrast to the
SPI interface where the transmitted and received data
occurs simultaneously to and from the host. Refer to the
figure to the right for the data communication model for
the ND Series sensors.
User Mode Byte
SCK
MOSI
MISO
nSS
Pressure Output High Byte
User Rate Byte
Pressure Output Low Byte
SPI Data Diagram
R1 (kΩ) R2 (kΩ) Address
(decimal)
Address
(hex)
120
5.6
49
0x31
120
12
48
0x30
120
27
47
0x2F
120
51
46
0x2E
120
100
45
0x2D
56
100
44
0x2C
30
100
43
0x2B
15
100
42
0x2A
5.6
100
41
0x29
0
NoPop
40
0x28
I2C Address Selection Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com