Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ND030D-SM02-R Datasheet(PDF) 14 Page - Superior Sensors Technology.

Part # ND030D-SM02-R
Description  Differential Middle Pressure Sensors Industrial Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

ND030D-SM02-R Datasheet(HTML) 14 Page - Superior Sensors Technology.

Back Button ND030D-SM02-R Datasheet HTML 10Page - Superior Sensors Technology. ND030D-SM02-R Datasheet HTML 11Page - Superior Sensors Technology. ND030D-SM02-R Datasheet HTML 12Page - Superior Sensors Technology. ND030D-SM02-R Datasheet HTML 13Page - Superior Sensors Technology. ND030D-SM02-R Datasheet HTML 14Page - Superior Sensors Technology. ND030D-SM02-R Datasheet HTML 15Page - Superior Sensors Technology. ND030D-SM02-R Datasheet HTML 16Page - Superior Sensors Technology. ND030D-SM02-R Datasheet HTML 17Page - Superior Sensors Technology. ND030D-SM02-R Datasheet HTML 18Page - Superior Sensors Technology.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ND Series
Industrial Middle Pressure Sensors
www.SuperiorSensors.com
14
11.3 Pinout
Pin
Sym
SPI
I2C
1
nSS
Slave Select
(active low)
Tie to Ground
2
MOSI/SCL
MOSI
SCL
3
MISO/SDA
MISO
SDA
4
SCK
Serial Clock
See Section 10.4.1
5
DNC
Do Not Connect
6
DNC
Do Not Connect
7
DNC
Do Not Connect
8
Gnd
Ground
9
VDD
Sensor Supply
10
nRST
Reset (active low)
11
DAV
Data Available
11.4 Reflow Soldering and Handling Conditions
Parameter
Sym
Val
Units
Soldering Specifications (Max)
Preheat Ramp Rate
Soak Time
Time Above 217C
Time Above 230C
Time Above 250C
Peak Temperature
Cooling Ramp Rate
tPHRR
tSOAK
tGT217
tGT230
tGT250
tPT
tCRR
3
3
50
40
15
255
-4
°C/s
min
s
s
s
°C
°C/s
Weight
WPRT
3.5
gm
Moisture Sensitivity
MSL
3
ESD (Human Body Model)
ESD
2
kV
11.5 Pick and Place Pick-up Zone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com