Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAO2V2S500A8KLF Datasheet(PDF) 5 Page - Amphenol Communications Solutions

Part # DAO2V2S500A8KLF
Description  D-Subminiature High Power Series WITH CRIMP, SOLDER BUCKET, AND PCB TERMINATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

DAO2V2S500A8KLF Datasheet(HTML) 5 Page - Amphenol Communications Solutions

  DAO2V2S500A8KLF Datasheet HTML 1Page - Amphenol Communications Solutions DAO2V2S500A8KLF Datasheet HTML 2Page - Amphenol Communications Solutions DAO2V2S500A8KLF Datasheet HTML 3Page - Amphenol Communications Solutions DAO2V2S500A8KLF Datasheet HTML 4Page - Amphenol Communications Solutions DAO2V2S500A8KLF Datasheet HTML 5Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.amphenol-cs.com
Disclaimer
Please note that the above information is subject to change without notice.
D-Subminiature High Power Series
PART NUMBERS
Description
Part Numbers
High Power, 3W3, Male cable connector
DA3W3PA009KLF
High Power, 3W3, Female cable connector
DA3W3SA009KLF
High Power, 5w5, Male cable connector
DB5W5PA009KLF
High Power, 5w5, Female cable connector
DB5W5SA009KLF
High Power, 3W3, Male R/A Board connector
DAV3W3P500H9KLF
High Power, 3W3, Female R/A Board connector
DAV3W3S500H9KLF
High Power, 5W5, Male R/A Board connector
DBV5W5P500H9KLF
High Power, 5W5, Female R/A Board connector
DBV5W5S500H9KLF
Female Power Contact, 75A*, Crimp Type
8638PSC7506LF
Male Power Contact, 75A*, Crimp Type
8638PPC7506LF
Female Power Contact, 75A*, Solder Bucket
8638PSS7506LF
Male Power Contact, 75A*, Solder Bucket
8638PPS7506LF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com