Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAO2V2S500A8KLF Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # DAO2V2S500A8KLF
Description  D-Subminiature High Power Series WITH CRIMP, SOLDER BUCKET, AND PCB TERMINATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

DAO2V2S500A8KLF Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  DAO2V2S500A8KLF Datasheet HTML 1Page - Amphenol Communications Solutions DAO2V2S500A8KLF Datasheet HTML 2Page - Amphenol Communications Solutions DAO2V2S500A8KLF Datasheet HTML 3Page - Amphenol Communications Solutions DAO2V2S500A8KLF Datasheet HTML 4Page - Amphenol Communications Solutions DAO2V2S500A8KLF Datasheet HTML 5Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.amphenol-cs.com
TARGET MARKETS
D-Subminiature High Power Series
*
75A HIGH POWER CONTACTS
WITH CRIMP, SOLDER BUCKET,
AND PCB TERMINATIONS
Amphenol’s D-Subminiature connectors are part of
an industry standard for applications requiring robust
and reliable connectors. These proven D-Subminiature
connectors are one of the most popular Input/Output
interconnects, addressing a wide variety of applications in
Telecommunications, Data, Consumer, Industrial, Military,
Instrumentation and Medical.
Our high power D-Sub connectors with *75A current rating is
available in cable (Solder/Crimp) and board versions.
Note: * Denotes that the connectors confirm to UL1977 spec
(T-Rise at rated current below RTI value of housing material).
FEATURES
BENEFITS
§
Various layout 2V2 to 8W8
§
Product range to meet customer requisites
§
Available in Solder Bucket, Crimp and Right Angled
versions
§
To support cable and PCB mounting requirements
§
Various PCB mounting accessories
§
Wide variety of choices for secure connections
§
Lead-free and RoHS compliant
§
Meets environmental, health and safety requirements


Similar Part No. - DAO2V2S500A8KLF

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAO816 DAICO-DAO816 Datasheet
157Kb / 1P
GaAs 1 Section Attenuator
DAO879 DAICO-DAO879 Datasheet
143Kb / 1P
PIN Diode 1 Section Attenuator
DAO944-10 DAICO-DAO944-10 Datasheet
143Kb / 1P
GaAs 1 Section Attenuator
DAO960 DAICO-DAO960 Datasheet
106Kb / 1P
Fixed Attenuator
More results

Similar Description - DAO2V2S500A8KLF

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DB25SRSL ADAM-TECH-DB25SRSL Datasheet
211Kb / 2P
D-SUBMINIATURE CRIMP AND POKE SYSTEM
logo
Dubilier
DBCFDMSB09E3 DUBILIER-DBCFDMSB09E3 Datasheet
121Kb / 1P
FILTERED D CONNECTORS SOLDER BUCKET
logo
FCI connector
10090769 FCI-CONNECTOR-10090769 Datasheet
294Kb / 2P
H/D D-SUB MALE SOLDER BUCKET
10090770 FCI-CONNECTOR-10090770 Datasheet
284Kb / 2P
H/D D-SUB FEMALE SOLDER BUCKET
DBM25S FCI-CONNECTOR-DBM25S Datasheet
217Kb / 4P
SUB FEMALE DM HE501 series with solder bucket
C-DSUB-0064 FCI-CONNECTOR-C-DSUB-0064 Datasheet
288Kb / 1P
D SUB SOLDER BUCKET CONNECTOR
logo
Dubilier
DBCFDMSB09E3 DUBILIER-DBCFDMSB09E3_11 Datasheet
447Kb / 3P
FILTERED D CONNECTORS SOLDER BUCKET
logo
FCI connector
DB25P064HTXLF FCI-CONNECTOR-DB25P064HTXLF Datasheet
115Kb / 1P
D-SUB SOLDER BUCKET CONNECTOR
DC37P065TXLF FCI-CONNECTOR-DC37P065TXLF Datasheet
288Kb / 1P
D-SUB SOLDER BUCKET CONNECTOR (WITH ASSEMBLY OPTIONS)
DE09P064TXLF FCI-CONNECTOR-DE09P064TXLF Datasheet
288Kb / 1P
D-SUB SOLDER BUCKET CONNECTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com