Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L298N Datasheet(PDF) 3 Page - STMicroelectronics

Part # L298N
Description  DUAL FULL-BRIDGE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L298N Datasheet(HTML) 3 Page - STMicroelectronics

  L298N Datasheet HTML 1Page - STMicroelectronics L298N Datasheet HTML 2Page - STMicroelectronics L298N Datasheet HTML 3Page - STMicroelectronics L298N Datasheet HTML 4Page - STMicroelectronics L298N Datasheet HTML 5Page - STMicroelectronics L298N Datasheet HTML 6Page - STMicroelectronics L298N Datasheet HTML 7Page - STMicroelectronics L298N Datasheet HTML 8Page - STMicroelectronics L298N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PIN FUNCTIONS (refer to the block diagram)
MW. 15
Po werSO
Name
Fun ction
1;15
2;19
Sense A; Sense B
Between this pin and ground is connected the sense resistor to
control the current of the load.
2;3
4;5
Out 1; Out 2
Outputs of the Bridge A; the current that flows through the load
connected between these two pins is monitored at pin 1.
46
VS
Supply Voltage for the Power Output Stages.
A non-inductive 100nF capacitor must be connected between this
pin and ground.
5;7
7;9
Input 1; Input 2
TTL Compatible Inputs of the Bridge A.
6;11
8;14
Enable A; Enable B
TTL Compatible Enable Input: the L state disables the bridge A
(enable A) and/or the bridge B (enable B).
8
1,10,11,20
GND
Ground.
9
12
VSS
Supply Voltage for the Logic Blocks. A100nF capacitor must be
connected between this pin and ground.
10; 12
13;15
Input 3; Input 4
TTL Compatible Inputs of the Bridge B.
13; 14
16;17
Out 3; Out 4
Outputs of the Bridge B. The current that flows through the load
connected between these two pins is monitored at pin 15.
–
3;18
N.C.
Not Connected
ELECTRICAL CHARACTERISTICS (VS = 42V; VSS = 5V, Tj =25
°C; unless otherwise specified)
Symbol
Parameter
Test Co ndi tions
Min .
Typ .
Max.
Uni t
VS
Supply Voltage (pin 4)
Operative Condition
VIH +2.5
46
V
VSS
Logic Supply Voltage (pin 9)
4.5
5
7
V
IS
Quiescent Supply Current (pin 4)
Ven =H; IL =0
Vi =L
Vi =H
13
50
22
70
mA
mA
Ven =L
Vi =X
4
mA
ISS
Quiescent Current from VSS (pin 9) Ven =H; IL =0
Vi =L
Vi =H
24
7
36
12
mA
mA
Ven =L
Vi =X
6
mA
ViL
Input Low Voltage
(pins 5, 7, 10, 12)
–0.3
1.5
V
ViH
Input High Voltage
(pins 5, 7, 10, 12)
2.3
VSS
V
IiL
Low Voltage Input Current
(pins 5, 7, 10, 12)
Vi = L
–10
µA
IiH
High Voltage Input Current
(pins 5, 7, 10, 12)
Vi = H
≤ VSS –0.6V
30
100
µA
Ven = L
Enable Low Voltage (pins 6, 11)
–0.3
1.5
V
Ven = H
Enable High Voltage (pins 6, 11)
2.3
VSS
V
Ien = L
Low Voltage Enable Current
(pins 6, 11)
Ven = L
–10
µA
Ien = H
High Voltage Enable Current
(pins 6, 11)
Ven =H
≤ VSS –0.6V
30
100
µA
VCEsat(H) Source Saturation Voltage
IL =1A
IL =2A
0.95
1.35
2
1.7
2.7
V
V
VCEsat(L) Sink Saturation Voltage
IL = 1A
(5)
IL = 2A
(5)
0.85
1.2
1.7
1.6
2.3
V
V
VCEsat
Total Drop
IL = 1A
(5)
IL = 2A
(5)
1.80
3.2
4.9
V
V
Vsens
Sensing Voltage (pins 1, 15)
–1 (1)
2
V
L298
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com