Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L298N Datasheet(PDF) 6 Page - STMicroelectronics

Part # L298N
Description  DUAL FULL-BRIDGE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L298N Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L298N Datasheet HTML 2Page - STMicroelectronics L298N Datasheet HTML 3Page - STMicroelectronics L298N Datasheet HTML 4Page - STMicroelectronics L298N Datasheet HTML 5Page - STMicroelectronics L298N Datasheet HTML 6Page - STMicroelectronics L298N Datasheet HTML 7Page - STMicroelectronics L298N Datasheet HTML 8Page - STMicroelectronics L298N Datasheet HTML 9Page - STMicroelectronics L298N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Figure 5 : Sink Current Delay Times vs. Input 0 V Enable Switching.
Figure 6 : Bidirectional DC Motor Control.
L = Low
H = High
X = Don’t care
In pu ts
Fu nctio n
Ven = H
C = H ; D = L
Forward
C = L ; D = H
Reverse
C = D
Fast Motor Stop
Ven = L
C = X ; D = X
Free Running
Motor Stop
L298
6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com