Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0200R Datasheet(PDF) 16 Page - Texas Instruments

Part # AMC0200R
Description  AMC0x00R Precision, ±250-mV Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0200R Datasheet(HTML) 16 Page - Texas Instruments

Back Button AMC0200R Datasheet HTML 12Page - Texas Instruments AMC0200R Datasheet HTML 13Page - Texas Instruments AMC0200R Datasheet HTML 14Page - Texas Instruments AMC0200R Datasheet HTML 15Page - Texas Instruments AMC0200R Datasheet HTML 16Page - Texas Instruments AMC0200R Datasheet HTML 17Page - Texas Instruments AMC0200R Datasheet HTML 18Page - Texas Instruments AMC0200R Datasheet HTML 19Page - Texas Instruments AMC0200R Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
6.16 Insulation Characteristics Curves
Figure 6-2. Thermal Derating Curve for Safety-Limiting Current
per VDE
0
25
50
75
100
125
150
T
A( °C)
0
200
400
600
800
1000
1200
1400
DWV Package
D Package
G070
Figure 6-3. Thermal Derating Curve for Safety-Limiting Power
per VDE
1000
1500
2000
2500
3000
3500
4000
4500
5000
Applied Voltage (V
RMS)
1E+03
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
1E+10
1E+11
1E+12
G077
20%
VDE Safety Margin Zone
Operating Zone
TDDB Line
(<1PPM Fail Rate)
50%
TA up to 150°C, stress-voltage frequency = 60Hz, isolation
working voltage = 1500VRMS,
projected operating lifetime ≥50 years
Figure 6-4. Isolation Capacitor Lifetime Projection
(Reinforced Isolation)
500
1000
1500
2000
2500
3000
Applied Voltage (V
RMS)
1E+03
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
1E+10
1E+11
1E+12
G077B
20%
VDE Safety Margin Zone
Operating Zone
TDDB Line
(<1PPM Fail Rate)
20%
TA up to 150°C, stress-voltage frequency = 60Hz, isolation
working voltage = 800VRMS,
projected operating lifetime >>100 years
Figure 6-5. Isolation Capacitor Lifetime Projection
(Basic Isolation)
AMC0300R, AMC0200R
SBASAR9 – DECEMBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0300R AMC0200R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com