Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5187 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5187
Description  LOW POWER LINEAR AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5187 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5187 Datasheet HTML 1Page - RF Micro Devices RF5187 Datasheet HTML 2Page - RF Micro Devices RF5187 Datasheet HTML 3Page - RF Micro Devices RF5187 Datasheet HTML 4Page - RF Micro Devices RF5187 Datasheet HTML 5Page - RF Micro Devices RF5187 Datasheet HTML 6Page - RF Micro Devices RF5187 Datasheet HTML 7Page - RF Micro Devices RF5187 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RF5187
Rev A7 DS060630
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC)
-0.5 to +6.5
VDC
Power Control Voltage (VPC)
-0.5 to +5V
V
DC Supply Current
300
mA
Input RF Power
+20
dBm
Output Load VSWR
20:1
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +100
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25°C, VCC=5.0V, ICC=240mA,
Freq=2140MHz, POUT=13dBm
Frequency Range
800
2500
MHz
Output Power
13
dBm
OP1dB
29
dBm
Small Signal Gain
13
15
dB
Input VSWR
1.5:1
With external matching network.
Two-Tone Specification
Output IP3
41
43
45
dBm
13dBm per tone.
Power Control
VPC
2.7
3.1
3.7
V
To obtain 240mA idle current.
Power Control “OFF”
0.2
0.5
V
Threshold voltage at device input.
Power Supply
Power Supply Voltage
5
6
V
Supply Current
240
mA
Power Down Current
2
10
μAVPC=0.2V
Note: For infrastructure class operation, the maximum allowable current over all operating conditions is 260mA. This implies the need for an
external active bias control network to control ICC over temperature and normal process variation. A recommended active bias control cir-
cuit is included in the datasheet.
The maximum continuous allowable dissipated power (ICC*VCC-PRF) for this part is 1.3W. For VCC=5.0V, this implies an ICC limit of 260mA.
A VCC of 6.0V would have an ICC limit of 215mA.
A constant ICC of 180mA to 220mA provides an excellent combination of high linearity and low power dissipation. Refer to W-CDMA ACP
curves at bottom of datasheet.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com