Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5187 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5187
Description  LOW POWER LINEAR AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5187 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5187 Datasheet HTML 1Page - RF Micro Devices RF5187 Datasheet HTML 2Page - RF Micro Devices RF5187 Datasheet HTML 3Page - RF Micro Devices RF5187 Datasheet HTML 4Page - RF Micro Devices RF5187 Datasheet HTML 5Page - RF Micro Devices RF5187 Datasheet HTML 6Page - RF Micro Devices RF5187 Datasheet HTML 7Page - RF Micro Devices RF5187 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
1
2
3
4
8
7
6
5
RF IN
RF IN
PC
VCC
RF OUT
RF OUT
RF OUT
RF OUT
BIAS
CIRCUIT
PACKAGE BASE
GND
RF5187
LOW POWER LINEAR AMPLIFIER
The RF5187 is a highly-linear, low-power amplifier IC. It has been designed for use
as the driver RF amplifier in applications such as W-CDMA basestations. The
RF5187 requires an input and output matching network and power supply feed line.
The device is manufactured on an advanced Gallium Arsenide HBT process, and is
packaged in a 8-pin plastic package with a backside ground.
Features
Single 3V to 6V Supply
10dBm to 20dBm Ultra Linear
Output Power
14dB Gain at 2.14GHz
Power Down Mode
800MHz to 2500MHz Operation
Applications
2.14GHz UMTS Systems
Digital Communication Systems
PCS Communication Systems
Commercial and Consumer Sys-
tems
RF5187
Low Power Linear Amplifier
RF5187PCBA-41X
Fully Assembled Evaluation Board
Rev A7 DS060630
RF5187Low
Power Linear
Amplifier
RoHS Compliant & Pb-Free Product
Package Style: SOIC-8 Slug


Similar Part No. - RF5187

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5187 RFMD-RF5187 Datasheet
50Kb / 6P
LOW POWER LINEAR AMPLIFIER
RF5187 RFMD-RF5187 Datasheet
81Kb / 6P
LOW POWER LINEAR AMPLIFIER
RF5187PCBA RFMD-RF5187PCBA Datasheet
50Kb / 6P
LOW POWER LINEAR AMPLIFIER
RF5187PCBA-41X RFMD-RF5187PCBA-41X Datasheet
81Kb / 6P
LOW POWER LINEAR AMPLIFIER
RF5187 RFMD-RF5187_06 Datasheet
81Kb / 6P
LOW POWER LINEAR AMPLIFIER
More results

Similar Description - RF5187

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2132 RFMD-RF2132 Datasheet
110Kb / 6P
LINEAR POWER AMPLIFIER
RF5187 RFMD-RF5187 Datasheet
50Kb / 6P
LOW POWER LINEAR AMPLIFIER
RF2132 RFMD-RF2132_06 Datasheet
131Kb / 6P
LINEAR POWER AMPLIFIER
RF5187 RFMD-RF5187_06 Datasheet
81Kb / 6P
LOW POWER LINEAR AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
277Kb / 6P
Linear Power Amplifier
logo
RF Micro Devices
RFGA2012 RFMD-RFGA2012 Datasheet
1Mb / 12P
InGaP HBT LOW POWER LINEAR AMPLIFIER
RF5117 RFMD-RF5117_11 Datasheet
285Kb / 13P
LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125_11 Datasheet
842Kb / 15P
LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152_11 Datasheet
216Kb / 10P
LINEAR POWER AMPLIFIER
logo
M/A-COM Technology Solu...
XP1031-QK-AN0T MA-COM-XP1031-QK-AN0T Datasheet
559Kb / 5P
Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com