Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3240 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L3240
Description  ELETRONIC TWO-TONE RINGER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3240 Datasheet(HTML) 2 Page - STMicroelectronics

  L3240 Datasheet HTML 1Page - STMicroelectronics L3240 Datasheet HTML 2Page - STMicroelectronics L3240 Datasheet HTML 3Page - STMicroelectronics L3240 Datasheet HTML 4Page - STMicroelectronics L3240 Datasheet HTML 5Page - STMicroelectronics L3240 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VAB
Calling Voltage (f = 50 Hz) Continuous
120
VRMS
VAB
Calling Voltage (f = 50 Hz) 5s N/10s OFF
200
VRMS
DC
Supply Current
30
mA
Top
Operating Temperature
– 20, + 70
oC
Tstg
Storage and Junction Temperature
– 65, + 150
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max.
100
oC/W
ELECTRICAL CHARACTERISTICS
(Tamb =25
oC; VS = applied between pins 7-2 ;otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vs
Supply Voltage
26
V
IB
Current Consumption Without Load (Pins 8-1)
V8-1 = 16.5 to 29.5 V
1.5
1.8
mA
VON
Activation Voltage
12
13.5
V
VOFF
Sustaining Voltage
7.8
9.3
V
RD
Differential Resistance in OFF Condition (Pins 8-1)
6.4
k
Ω
VOUT
Output Voltage Swing
Vs –5
V
IOUT
Short Circuit Current (pins 5-6)
Vs = 20 V
35
mA
Vs
Voltage Drop between Pins 8-1 and Pins 7-2
3
V
L3240
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com