Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3240 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L3240
Description  ELETRONIC TWO-TONE RINGER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3240 Datasheet(HTML) 3 Page - STMicroelectronics

  L3240 Datasheet HTML 1Page - STMicroelectronics L3240 Datasheet HTML 2Page - STMicroelectronics L3240 Datasheet HTML 3Page - STMicroelectronics L3240 Datasheet HTML 4Page - STMicroelectronics L3240 Datasheet HTML 5Page - STMicroelectronics L3240 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Figure 1 : Test Circuit.
Figure 2 : Typical Application with Balanced
Output.
Figure 3 : Application Compatible with LS1240
(single ended output).
Figure 4 :F1 Out vs. R1.
3.56 x 10
4
F1
R1
≈
x
(1 – 0.12 x ln
)
F1 (HZ)
2543
f2 = 0.725 f1
750
fSWEEP =
C1 (nF)
ELECTRICAL CHARACTERISTICS
(Tamb =25
oC; VS = applied between pins 7-2 ;otherwise specified)
AC OPERATION
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Output Frequencies
Fout 1
Fout 2
Vs =26 V, R1 =14 K
Ω
Vs =0 V
Vs =6 V
2,29
1.6
2,8
2.1
kHz
Fout 1
Fout 2
1.33
1.43
Programming Resistor Range
8
56
k
Ω
Sweep Frequency
R1 = 14k
Ω, C1 =100nF
5.25
7,5
9.75
Hz
L3240
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com