Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3 Datasheet(PDF) 2 Page - Weller Tools

Part # HT3
Description  Soldering Tips
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

HT3 Datasheet(HTML) 2 Page - Weller Tools

  HT3 Datasheet HTML 1Page - Weller Tools HT3 Datasheet HTML 2Page - Weller Tools HT3 Datasheet HTML 3Page - Weller Tools HT3 Datasheet HTML 4Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Soldering Tips
Description
Width
Type
Order No.
Micropoint
0,25 mm
MT 1
5 44 101 99
Micropoint
0,25 mm
MT 1S
5 44 105 99
slim
Chisel slim
1,6 mm
MT 6
5 44 106 99
Sloped
1,2 mm
MT 4
5 44 104 99
Chisel
0,8 mm
MT H
5 44 112 99
1,6 mm
MT A
5 44 110 99
2,4 mm
MT B
5 44 111 99
Chisel
0,8 mm
MT HX*
5 44 113 99
bent
*only with barrel nut 5 87 207 01
Gull wing
Ø 2,0 mm
MT GW
5 44 119 99
Measuring tip for
-
-
5 44 114 99
thermo element
ø
0,5 mm
MT - LT Adapter
for use with LT series tips
5 44 121 99
for soldering pencil MLR 21
18
If any other tips are required, use LT tips with MT / LT adapter.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com