Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3 Datasheet(PDF) 3 Page - Weller Tools

Part # HT3
Description  Soldering Tips
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

HT3 Datasheet(HTML) 3 Page - Weller Tools

  HT3 Datasheet HTML 1Page - Weller Tools HT3 Datasheet HTML 2Page - Weller Tools HT3 Datasheet HTML 3Page - Weller Tools HT3 Datasheet HTML 4Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
20
Soldering Tips
for WSP 80, WSP 80IG, WSP 80FE and MPR 80
WSP 80 (FE)
MPR 80
Description
Width A
Thickness B Type
Order No.
Chisel
0,8 mm
0,4 mm
LT H
005 44 437 99
Chisel for HPB solder*
0,8 mm
0,4 mm
LT HHPB
005 44 430 99
Chisel
1,6 mm
0,7 mm
LT A
005 44 440 00
Chisel for HPB solder*
1,6 mm
0,7 mm
LT AHPB
005 44 431 99
Chisel for lead free solder**
1,6 mm
0,7 mm
LT ALF
005 44 470 00
Chisel
2,4 mm
0,8 mm
LT B
005 44 405 00
Chisel for HPB solder*
2,4 mm
0,8 mm
LT BHPB
005 44 432 99
Chisel for lead free solder**
2,4 mm
0,8 mm
LT BLF
005 44 446 00
Chisel
3,2 mm
0,8 mm
LT C
005 44 407 00
Chisel for lead free solder**
3,2 mm
0,8 mm
LT CLF
005 44 447 00
Chisel
4,6 mm
0,8 mm
LT D
005 44 409 99
Chisel for lead free solder**
4,6 mm
0,8 mm
LT DLF
005 44 448 00
Chisel long
1,2 mm
0,4 mm
LT K
005 44 438 00
Chisel long
2,0 mm
1,0 mm
LT L
005 44 414 00
Chisel long for lead free solder**
2,0 mm
1,0 mm
LT LLF
005 44 476 00
Chisel long
3,2 mm
1,2 mm
LT M
005 44 415 00
Chisel long for lead free solder**
3,2 mm
1,2 mm
LT MLF
005 44 477 00
Chisel bent
0,8 mm
0,4 mm
LT HX
005 44 420 99
Chisel bent
1,6 mm
0,7 mm
LT ALX
005 44 443 00
Chisel bent
2,4 mm
0,8 mm
LT BX
005 44 442 00
Chisel bent for lead free solder**
3,2 mm
0,8 mm
LT MXLF
005 44 469 00
Round slim
0,2 mm
1,6 mm
LT 1S
005 44 436 99
Round
0,25 mm
LT 1
005 44 435 99
Round
1,6 mm
LT AS
005 44 404 00
Round for lead free solder**
1,6 mm
LT ASLF
005 44 471 00
Round
3,2 mm
LT CS
005 44 411 00
Round for lead free solder**
3,2 mm
LT CSLF
005 44 474 00
Round slim bent
2,0 mm
0,4 mm
LT 1SLX
005 44 426 99
Round bent
1,2 mm
0,4 mm
LT 4X
005 44 428 00
Round bent
1,6 mm
0,8 mm
LT AX
005 44 427 00
Round bent for lead free solder**
1,6 mm
0,8 mm
LT AXLF
005 44 480 00
Round bent
2,0 mm
0,4 mm
LT 1X
005 44 425 99
Round sloped slim
1,2 mm
LT 4
005 44 439 99
Round sloped
1,2 mm
LT F
005 44 408 00
Round sloped long
2,4 mm
4,0 mm
LT BB
005 44 444 00
Round sloped long
2,4 mm
4,0 mm
LT BBLF
005 44 472 00
for lead free solder**
Round sloped long
3,2 mm
6,0 mm
LT CC
005 44 445 00
Round sloped long
3,2 mm
6,0 mm
LT CCLF
005 44 473 00
for lead free solder**
Round sloped long for
4,6 mm
6,0 mm
LT DDLF
005 44 478 00
lead free solder**



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com