Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3845 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L3845
Description  TRUNK INTERFACE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3845 Datasheet(HTML) 3 Page - STMicroelectronics

  L3845 Datasheet HTML 1Page - STMicroelectronics L3845 Datasheet HTML 2Page - STMicroelectronics L3845 Datasheet HTML 3Page - STMicroelectronics L3845 Datasheet HTML 4Page - STMicroelectronics L3845 Datasheet HTML 5Page - STMicroelectronics L3845 Datasheet HTML 6Page - STMicroelectronics L3845 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DC ELECTRICAL CHARACTERISTICS (IL = 10 mA to 100 mA, R1 =56
Ω,S1 = Open, Tamb =+ 25 °C,
unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VL
Line Voltage
(normal mode)
PULSE = Open
IL = 10 mA
IL =20 mA
IL = 100 mA
5
6
12
V
V
V
VLP
Line Voltage
(pulse mode)
PULSE = V
–
IL =20 mA
IL =35 mA
IL =80 mA
4
5.5
9.5
V
V
V
Ihn
ON/OFF-Hook
Line Current Detection
Threshold
6.5
9.5
mA
Ihf
OFF/ON-Hook
Line Current Detection
Threshold
59.2
mA
IOUT
OFF-Hook
Output Drive Current at Pin
HDO
IL = 10 mA
IL
≥ 20 mA
1.5
2
mA
mA
VPM
Pulse Input Low Voltage
0.8
V
IPM
Pull-up Input Current at Pin
PULSE (pulse mode)
IL = 100 mA
Pulse = V
–
20
µA
INM
Imput Current at Pin Pulse
(normal mode)
3
µA
AC ELECTRICAL CHARACTERISTICS (IL = 10mA to 100mA, R1 =56
Ω,R2 =470KΩ,R3 = 130 KΩ,
Tamb =+ 25
°C, unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ZL
AC Line Impedance
S1 = Open, S2 = Open
C1 = 2.2mF
f = 1KHz
20
K
Ω
Sending/Receiving Distortion
S1 = Open, S2 = Open
f = 1KHz
VAC-L = 775mVrms
IL = 15 to 100mA
2%
Sending/Receiving Distortion
S1 = Closed; S2 = Open
VAC-L = 1.3Vrms
2
%
Sending/Receiving Distortion
S1 = Open; S2 = Closed
VAC-L = 1.9Vrms
2(*)
%
(*) Not tested, guaranteed only by design.
APPLICATION INFORMATION
With the use of this circuit it is possible to termi-
nate an analog trunk so that all the DC current
component is flowing in the TRUNK TERMINA-
TION CIRCUIT while the AC component is de-
coupled with a low voltage capacitor and can be
used with a small and low cost audio coupler
transformer to provide the AC balancing termina-
tion and two to four wire conversion.
Therefore it is usefull both for MODEM and PABX
systems.
Figure 1 gives the typical application circuit ; it is
worth to note that the TRUNK TERMINATION
CIRCUIT, together with the LS5018 transient sup-
pressor provides a compact and low cost module
fully protected against lightning or overvoltages
frequently present on telephone lines.
The PULSE input when connected to V- allows
the device to reduce the Line Voltage and to
show a resistive impedance equal to R1 to the
line. When PULSE input is left open, this function
is disable.
L3845
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com