Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3845 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L3845
Description  TRUNK INTERFACE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3845 Datasheet(HTML) 1 Page - STMicroelectronics

  L3845 Datasheet HTML 1Page - STMicroelectronics L3845 Datasheet HTML 2Page - STMicroelectronics L3845 Datasheet HTML 3Page - STMicroelectronics L3845 Datasheet HTML 4Page - STMicroelectronics L3845 Datasheet HTML 5Page - STMicroelectronics L3845 Datasheet HTML 6Page - STMicroelectronics L3845 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
L3845
TRUNK INTERFACE
ON CHIP POLARITY GUARD
MEETS DC LINE CHARACTERISTICS OF
EITHER CCITT AND EIA RS 464 SPECS
PULSE FUNCTION
HIGH AC IMPEDANCE
OFF HOOK-STATUS DETECTION OUTPUT
LOW EXTERNAL COMPONENT COUNT
DESCRIPTION
The circuit provides DC loop termination for ana-
log trunk lines.
The V-I characteristics is equivalent to a fixed
voltage drop (zener like characteristic) in series
with an external resistance that determines the
slope of the DC characteristic.
An external low voltage electrolytic capacitor
causes the circuit to exhibit a very high imped-
ance to all AC signal above a minimum frequency
that is determined by the capacitor itself and by a
20 K nominal resistor integrated on the chip.
The Off-Hook status is detected all the time a
typic of 8 mA is flowing into the circuit. In this con-
dition a constant current generator is activated to
supply an external device (typically an optocou-
pler) without affecting the AC characteristic of the
circuit.
When Pulse Dialing is required the PULSE input
(pin 3) connected to V- causes the device to re-
duce the fixed DC voltage drop and to exhibit a
pure resistive impedance equal to the external re-
sistor.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
June 1996
POLARITY
GUARD
DC LINE
TERMINATION
OF HOOK
DETECTION
CIRCUIT
1
7
8
3
4
IN1
IN2
562
ACT
DCT
V-
R2
R3
R1
S1
C1
S2
V+
PULSE
HD0
D96TL263
BLOCK DIAGRAM
Minidip
SO8
ORDERING NUMBERS:
L3845B
L3845D
1/7


Similar Part No. - L3845

ManufacturerPart #DatasheetDescription
logo
International Rectifier
L3803S IRF-L3803S Datasheet
664Kb / 11P
Logic-Level Gate Drive
logo
Multicomp Pro
L383HAD MULTICOMP-L383HAD Datasheet
356Kb / 2P
4.7mm Round With Housing
20/09/19 V1.0
logo
STMicroelectronics
L387 STMICROELECTRONICS-L387 Datasheet
81Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Oct-1991
L387A STMICROELECTRONICS-L387A Datasheet
81Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Oct-1991
L387A STMICROELECTRONICS-L387A Datasheet
245Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
More results

Similar Description - L3845

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9041 MITEL-MT9041 Datasheet
101Kb / 14P
Multiple Output Trunk PLL
MT9042 MITEL-MT9042 Datasheet
122Kb / 16P
Global Digital Trunk Synchronizer
MT8940AC MITEL-MT8940AC Datasheet
204Kb / 16P
T1/CEPT Digital Trunk PLL
logo
Hirose Electric
GT3-16DP-2.5DSA HIROSE-GT3-16DP-2.5DSA Datasheet
207Kb / 6P
Antenna, Sensor, and Communications Trunk Line Connections
GT8-2428SCF HIROSE-GT8-2428SCF Datasheet
94Kb / 4P
Antenna, Sensor, and Communications Trunk Line Connections
GT17-2022SCF HIROSE-GT17-2022SCF Datasheet
1Mb / 10P
Antenna, Sensor, and Communications Trunk Line Connections
logo
NXP Semiconductors
NE570 PHILIPS-NE570 Datasheet
107Kb / 12P
Telephone trunk comandor
2003 Apr 03
logo
Zarlink Semiconductor I...
MT8941 ZARLINK-MT8941 Datasheet
491Kb / 27P
Advanced T1/CEPT Digital Trunk PLL
logo
List of Unclassifed Man...
AG2410 ETC2-AG2410 Datasheet
571Kb / 11P
HIGH PERFORMANCE QUAD TRUNK
logo
MRV Communications, Inc...
TM-GM8XFP MRV-TM-GM8XFP Datasheet
248Kb / 2P
LambdaDriver짰 8x1GE Muxponder Module with XFP trunk
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com