Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSC Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # PSC
Description  General-Purpose and Sensor Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PSC Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  PSC Datasheet HTML 1Page - Eaton All Rights Reserved. PSC Datasheet HTML 2Page - Eaton All Rights Reserved. PSC Datasheet HTML 3Page - Eaton All Rights Reserved. PSC Datasheet HTML 4Page - Eaton All Rights Reserved. PSC Datasheet HTML 5Page - Eaton All Rights Reserved. PSC Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Volume 7—Logic Control, Operator Interface and Connectivity Solutions CA08100008E—April 2019 www.eaton.com
V7-T6-11
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6.1
Power Supplies
General-Purpose and Sensor Power Supplies
Catalog Number Selection
Note: Catalog number selection breakdown shown below is for illustrative purposes only and not to be used
to create new catalog number configurations.
PSC Series
Product Selection
PSC Series
Power
Description
Catalog
Number
24 Vdc output single-phase power supplies
(100–240 Vac nominal input)
30 W, 1.25 A output, plastic housing
PSC30E24RP
50 W, 2.1 A output, plastic housing
PSC50E24RP
100 W, 4.0 A output, plastic housing
PSC100E24RP
PSC 10 E 24 R P
Series
PSC = Compact Power Supply
Output Power
30 = 30 W
50 = 50 W
100 = 100 W
Model
E = Single-phase
Output Voltage
24 = 24 Vdc
Terminals
R = Finger-safe
Housing
P = Plastic
PSC100E24RP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com