Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSC Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # PSC
Description  General-Purpose and Sensor Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PSC Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  PSC Datasheet HTML 1Page - Eaton All Rights Reserved. PSC Datasheet HTML 2Page - Eaton All Rights Reserved. PSC Datasheet HTML 3Page - Eaton All Rights Reserved. PSC Datasheet HTML 4Page - Eaton All Rights Reserved. PSC Datasheet HTML 5Page - Eaton All Rights Reserved. PSC Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Volume 7—Logic Control, Operator Interface and Connectivity Solutions CA08100008E—April 2019 www.eaton.com
V7-T6-13
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6.1
Power Supplies
General-Purpose and Sensor Power Supplies
PSC Series, continued
PSC30E24RP
PSC50E24RP
PSC100E24RP
General / physical data, continued
Vibration
Operating
IEC60068–2–6, sine wave: 10 Hz to 500 Hz at
19.6 m/s²; displacement of 0.35 mm, 60 min.
per axis for all X, Y, Z directions
IEC60068–2–6, sine wave: 10 Hz to 500 Hz at
19.6 m/s²; displacement of 0.35 mm, 60 min.
per axis for all X, Y, Z directions
IEC60068–2–6, sine wave: 10 Hz to 500 Hz at
19.6 m/s²; displacement of 0.35 mm, 60 min.
per axis for all X, Y, Z directions
Non-operating
IEC60068–2–6, Random: 5 Hz to 500 Hz (2.09
Grms); 20 min. per axis for all X, Y, Z directions
IEC60068–2–6, Random: 5 Hz to 500 Hz (2.09
Grms); 20 min. per axis for all X, Y, Z directions
IEC60068–2–6, Random: 5 Hz to 500 Hz (2.09
Grms); 20 min. per axis for all X, Y, Z directions
Shock (operating)
Operating
IEC60068–2–27, half sine wave: 10 G for a
duration of 11 ms, shock for 1 direction (X axis)
IEC60068–2–27, half sine wave: 10 G for a
duration of 11 ms, shock for 1 direction (X axis)
IEC60068–2–27, half sine wave: 10 G for a
duration of 11 ms, shock for 1 direction (X axis)
Non-operating
IEC60068–2–27, half sine wave: 50 G for a
duration of 11 ms, 3 shocks for each 3 directions
IEC60068–2–27, half sine wave: 50 G for a
duration of 11 ms, 3 shocks for each 3 directions
IEC60068–2–27, half sine wave: 50 G for a
duration of 11 ms, 3 shocks for each 3 directions
Pollution degree
2
2
2
Altitude
2000 m
2000 m
2000 m
Certification and protection
Safety entry low voltage
SELV (EN 60950)
SELV (EN 60950)
SELV (EN 60950)
Electrical safety (of information technology
equipment)
N/A
N/A
N/A
Industrial control equipment
UL/C–UL listed to UL 508
UL/C–UL listed to UL 508
UL/C–UL listed to UL 508
Class 2 power supply
UL/C–UL listed to UL 508
UL/C–UL listed to UL 508
UL/C–UL listed to UL 508
CE
In conformance with EMC directive 2014/30/EU
and low-voltage directive 2014/35/EU
In conformance with EMC directive 2014/30/EU
and low-voltage directive 2014/35/EU
In conformance with EMC directive 2014/30/EU
and low-voltage directive 2014/35/EU
Immunity
EN 55024, EN 61000–6–1, EN 61000–6–2
(EN 61000–4–2, 3, 4, 5, 6, 8, 11)
EN 55024, EN 61000–6–1, EN 61000–6–2
(EN 61000–4–2, 3, 4, 5, 6, 8, 11)
EN 55024, EN 61000–6–1, EN 61000–6–2
(EN 61000–4–2, 3, 4, 5, 6, 8, 11)
Emissions
EN 55032, EN 55011, EN 61000–3–3,
EN 61000–6–3, EN 61000–6–4
EN 55032, EN 55011, EN 61000–3–3,
EN 61000–6–3, EN 61000–6–4
EN 55032, EN 55011, EN 61000–3–3,
EN 61000–6–3, EN 61000–6–4
RoHS compliant
Yes
Yes
Yes
Safety and protection
Current limitation at short–circuits approx.
N/A
N/A
N/A
Surge voltage protection against internal
surge voltages
No
No
No
Protection degree
IP20
IP20
IP20
Safety class
Class I with primary earth connection
Class I with primary earth connection
Class I with primary earth connection



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com