Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPHS2 Datasheet(PDF) 1 Page - Fluke Corporation

Part # IPHS2
Description  1000 volt insulated hand tools. Lifetime warranty.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

IPHS2 Datasheet(HTML) 1 Page - Fluke Corporation

  IPHS2 Datasheet HTML 1Page - Fluke Corporation IPHS2 Datasheet HTML 2Page - Fluke Corporation IPHS2 Datasheet HTML 3Page - Fluke Corporation IPHS2 Datasheet HTML 4Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Safe. Rugged. Fluke.
1000 volt insulated hand tools. Lifetime warranty.
Insulated hand tools brochure
Tool
Description
ISLS3
Insulated Slotted Screwdriver 3/32x3 in, 2.5 mm x 75 mm, 1,000 V
ISLS5
Insulated Slotted Screwdriver 5/32x4 in, 4 mm x 100 mm, 1,000 V
ISLS8
Insulated Slotted Screwdriver 1/4x5 in, 6 mm x 125 mm, 1,000 V
IPHS1
Insulated Phillips Screwdriver #1, 3 in, 75 mm, 1,000 V
IPHS2
Insulated Phillips Screwdriver #2, 4 in, 100 mm, 1,000 V
ISQS1
Insulated Squared Screwdriver #1, 4 in, 100 mm, 1,000 V
ISQS2
Insulated Squared Screwdriver #2, 5 in, 125 mm, 1,000 V
INLP8
Insulated Long Nose with Side Cutter, 8 in, 200 mm, 1,000 V
INDC8
Insulated High Leverage Diagonal Cutter, 8 in, 200 mm, 1,000 V
INPP10
Insulated Pump Pliers Fast adjustable, 10 in, 250 mm, 1,000 V
INCP8
Insulated Lineman Combination Pliers, 8 in, 200 mm, 1,000 V
IKSC7
Insulated 7 Piece Screwdriver Kit
IKPL3
Insulated 3 Piece Plier Kit
IKST7
Insulated Hand Tools Starter Kit—5 insulated screwdrivers and 3 insulated pliers
IKPK7
Fluke Pack30 Professional Tool Backpack + Insulated Hand Tools Starter Kit (5 insulated screwdrivers and
3 insulated pliers)
IBT6K
T6 Electrical Tester + Insulated Hand Tools Starter Kit (5 insulated screwdrivers and 3 insulated pliers)
IB875K
87V Industrial Multimeter + Insulated Hand Tools Starter Kit (5 insulated screwdrivers and 3 insulated pliers)
IB117K
117 Electrician’s Multimeter + Insulated Hand Tools Starter Kit (5 insulated screwdrivers and 3 insulated pliers)
CPAK8
Magnetic Hanging Pouch
RUP8
Roll-up Pouch
Fluke insulated hand tools are available from your favorite distributor, as well as the Fluke Online Store
(https://www.flukeonlinestore.com).
Accessories
Ordering information
Fluke Corporation
PO Box 9090, Everett, WA 98206 U.S.A.
Fluke Europe B.V.
PO Box 1186, 5602 BD
Eindhoven, The Netherlands
Fluke.
Keeping your world
up and running.®
For more information call:
In the U.S.A. (800) 443-5853 or
Fax (425) 446-5116
In Europe/M-East/Africa +31 (0)40 267 5100 or
Fax +31 (0)40 267 5222
In Canada (800)-36-FLUKE or
Fax (905) 890-6866
From other countries +1 (425) 446-5500 or
Fax +1 (425) 446-5116
Web access: http://www.fluke.com
©2019 Fluke Corporation.
Specifications subject to change without notice.
Printed in U.S.A. 4/2019 6011878a-en
Modification of this document is not
permitted without written permission
from Fluke Corporation.
CPAK8 Magnetic
Hanging Pouch
•
Multiple pockets.
•
Protected inside.
•
Magnetic hanging strap.
•
Holds up to 3 pliers and 7
screwdrivers.
RUP8 Roll-up Pouch
•
Space for up to 3 pliers
and 5 screwdrivers.
•
Rolls shut.
•
Closes with hook and
loop fasteners.
Tools not included with
Roll-up Pouch


Similar Part No. - IPHS2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
IPH-18GM-V1 PF-IPH-18GM-V1 Datasheet
735Kb / 3P
Read/write head
IPH-30GM-V1 PF-IPH-30GM-V1 Datasheet
972Kb / 3P
Read/write head
IPH-F15-V1 PF-IPH-F15-V1 Datasheet
682Kb / 4P
Read/write head
IPH-F61-V1 PF-IPH-F61-V1 Datasheet
816Kb / 3P
Read/write head
IPH-F61-V1-Y262702 PF-IPH-F61-V1-Y262702 Datasheet
810Kb / 3P
Read/write head
More results

Similar Description - IPHS2

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
061001016 KSS-061001016 Datasheet
627Kb / 5P
HAND CRIMPING TOOLS
061001017 KSS-061001017 Datasheet
627Kb / 5P
HAND CRIMPING TOOLS
logo
Tyco Electronics
50729 MACOM-50729 Datasheet
490Kb / 10P
Hand Crimping Tools
logo
List of Unclassifed Man...
2ASA ETC2-2ASA Datasheet
2Mb / 60P
Cooper Hand Tools
2940231-01 ETC1-2940231-01 Datasheet
4Mb / 6P
Installation Hand Tools
logo
TE Connectivity Ltd
411-1050 TEC-411-1050 Datasheet
371Kb / 5P
CERTI-CRIMP Hand Tools
408-7235 TEC-408-7235 Datasheet
69Kb / 4P
CERTI-CRIMP Hand Crimping Tools
408-1502 TEC-408-1502 Datasheet
203Kb / 6P
Hand Crimping Tools
408-2029 TEC-408-2029 Datasheet
322Kb / 10P
ROTA-CRIMP Hand Crimping Tools
logo
Microsemi Corporation
PD-6500G MICROSEMI-PD-6500G Datasheet
927Kb / 2P
Business-class Midspan Family with Network Management System and Lifetime Warranty
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com