Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPHS2 Datasheet(PDF) 2 Page - Fluke Corporation

Part # IPHS2
Description  1000 volt insulated hand tools. Lifetime warranty.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

IPHS2 Datasheet(HTML) 2 Page - Fluke Corporation

  IPHS2 Datasheet HTML 1Page - Fluke Corporation IPHS2 Datasheet HTML 2Page - Fluke Corporation IPHS2 Datasheet HTML 3Page - Fluke Corporation IPHS2 Datasheet HTML 4Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 Fluke Corporation Insulated hand tools brochure
Insulated hand tools brochure Fluke Corporation 3
Why insulated hand tools
Safety is critical when working with electricity.
Follow the right procedures. Wear the proper
clothes. Use eye and hearing protection. And make
sure you use the right tools.
It is always best practice to work on deenergized
equipment. But sometimes that’s just not possible.
Wiring changes made by someone else may pro-
vide an unplanned energy path to where you are
working. You need to take every precaution you can.
That means using high quality insulated hand tools.
Most hand tools have rubber or plastic on the
handles. That’s not the same as offering protection
from electric shock, and limiting the possibility of
arc faults due to short circuits. That’s what makes
insulated tools different.
Insulated hand tools
Why Fluke insulated hand tools
Fluke is the world leader in handheld test tools. Everything that you
know about Fluke multimeters, clamp meters and electrical test tools
applies to our insulated hand tools.
Forged from German steel, these rugged hand tools are built to last a
lifetime. That’s why they carry a lifetime warranty.* If a Fluke
insulated hand tool is defective, take it to a distributor for
replacement. Or contact Fluke (www.fluke.com/tools/warranty).
Fluke insulated tools always feel right. From the moment you first
put them in your hand, you’re ready to go to work. The pliers offer a
smooth, solid motion, without a need for break-in. The screwdrivers
give you maximum torque and a comfortable grip that reduces fatigue.
Take everything that makes Fluke test tools great, and put that into
insulated hand tools. That’s what you’ll have on your toolbelt.
* Industrial products limited Lifetime Warranty
Each Fluke insulated hand tool will be free from defects in material and workmanship for its lifetime. Lifetime is defined as seven years after Fluke discontinues manufac-
turing the product, but the warranty period shall be at least fifteen years from date of purchase. The warranty does not cover damage from neglect, misuse, contamina-
tion, alteration, accident or abnormal conditions of operation or handling, including damage caused by use outside of the product’s intended use. This warranty covers the
original purchaser only and is not transferable. To establish original ownership proof of purchase is required.
•
They are designed to block potentially hazardous
voltages from reaching you.
•
They are subjected to a 10,000 V dielectric
strength test, to prove the protection works.
•
They are certified to 1,000 V ac and 1,500 V dc
by VDE, an independent third-party lab.
•
They comply to international standards such as
IEC 60900 and ASTM F1505.
•
They are a critical part of NFPA 70E, which
requires personal protective equipment and
insulated tools rated for the electrical installation.
Insulated tools are a critical protective component
between you and an unplanned incident.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com