Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4620 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4620
Description  LIQUID LEVEL ALARM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4620 Datasheet(HTML) 4 Page - STMicroelectronics

  L4620 Datasheet HTML 1Page - STMicroelectronics L4620 Datasheet HTML 2Page - STMicroelectronics L4620 Datasheet HTML 3Page - STMicroelectronics L4620 Datasheet HTML 4Page - STMicroelectronics L4620 Datasheet HTML 5Page - STMicroelectronics L4620 Datasheet HTML 6Page - STMicroelectronics L4620 Datasheet HTML 7Page - STMicroelectronics L4620 Datasheet HTML 8Page - STMicroelectronics L4620 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1
*) This is a squarewave signal. The frequency is given by : f =
fosc.
32
1
**) The output squarewave signal frequency is given by f =
fosc.
512
The duty cycle depends on the state of the pin 8 and can be or 1 : 2 or 1 : 64, i.e. refer to figure 2, T = 320 ms, t = 160 or 5 ms when
the oscillator frequency fosc = 1.6 KHz.
ELECTRICAL CHARACTERISTICS (Tamb =25
°C, unless otherwise specified. Refer to block diagram
for external component values)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VZ
Internal Zener Voltage (pin 5)
IS = 24 mA
4
4.5
5
V
IS
Supply Current (pin 5)
VS = 3.8 V
6.5
11
mA
fosc
Oscillator Frequency (pin 1)
Rosc = 180 k
Ω,Cosc = 4.7 nF
1.45
1.6
1.75
kHz
V7,V8
Programming Pins Input
Voltage (pin 7, 8)
Low State
0.3
V
High state
2
V
I7,I8
Programming Pins Input Current
(pin 7, 8)
V7 =V8 =0 V
– 1
µA
V7 =V8 =VZ
150
µA
V2
Sensor Drive Output Voltage, (*) V2 = Low,
I2 =1 mA
0.4
V
V2 = High,
I2 =1 mA
VZ–1
VZ–0.4
V
I2
Sensor Driver Output Current
– 1
1
mA
VSENSH/V2
Sensor Input High Threshold
Voltage Versus V2 (pin 3)
V2 = High
Vpin 3 <VSENSL
0.33
0.4
0.47
Vsens
_____
V2
Sensor Input Low Threshold
Voltage Versus V2 (pin 3)
V2 = High
Vpin 3 >VSENSH
0.15
0.22
0.29
Vclamp3L
Sensor Input Clamping Voltage
(pin 3)
– 100
µA<Isens < 100 µA
V2 = Low
– 0.1
0.1
V
Vclamp3H
V2 = High
I3 = – 100
µA
– 0.8
– 0.6
– 0.4
V
I3 = + 100
µA
VZ
VZ +0.8
V
Isens
Sensor Input Bias Current (pin
3)
Vsens = High
1.2
µA
Td
Delay Time
fosc = 1.6 kHz
V7 = Low
10.24
sec
V7 = High
20.48
sec
Vout(sat)
Output Stage Saturation
Voltage (pin 6) (**)
Iout = 200 mA
1.3
V
Vout(clamp)
Output Stage Overvoltage
Protection (pin 6)
Iout =70 mA
19
21
23
V
ILEAK
Leak Current (pin 6)
P6 = 15V; P7 = P8 = GND
100
µA
L4620
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com