Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4620 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4620
Description  LIQUID LEVEL ALARM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4620 Datasheet(HTML) 1 Page - STMicroelectronics

  L4620 Datasheet HTML 1Page - STMicroelectronics L4620 Datasheet HTML 2Page - STMicroelectronics L4620 Datasheet HTML 3Page - STMicroelectronics L4620 Datasheet HTML 4Page - STMicroelectronics L4620 Datasheet HTML 5Page - STMicroelectronics L4620 Datasheet HTML 6Page - STMicroelectronics L4620 Datasheet HTML 7Page - STMicroelectronics L4620 Datasheet HTML 8Page - STMicroelectronics L4620 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
December 1999
L4620
LIQUID LEVEL ALARM
.
DRIVES DIRECTLY 300 mA ALARM LOAD
.
PROGRAMMABLE INPUT POLARITY TO
ACTIVATE THE OUTPUT STAGE
.
PROGRAMMABLE DELAY TIME
.
PROGRAMMABLE OUTPUT DUTY CYCLE
.
OUTPUT SHORT CIRCUIT PROTECTION
.
OVERVOLTAGE AND THERMAL
PROTECTION
DESCRIPTION
The L4620 is an integrated circuit, designed for the
liquid level control in automotive applications. The
liquid level is indicated by an attenuation between
transmitted and received signal across a sensor tip
in the lquid. If the attenuation exceedes an internal
threshold- sensortip outside the liquid or liquid tem-
peraturehigher than a determined value - a square-
wave alarm output indicates an unsufficient liquid
condition.If the liquid level is restoredbeforethe end
of a delay time the alarm is not activated.
Throughtwo pins it is possible to program : the delay
time to activate the alarm, the duty cycle of the
output squarewave, the polarity of the input thre-
shold of the sensor for alarm activation.
The above featuresmake theL4620particularlyver-
satile for many applications and give the possibility
to use various sensor types.
Internal circuits prevent spurious indications from
the liquid sensor and a latch keeps the alarm acti-
vateduntilthe supply voltageis switchedoff.The de-
vice includes thermal shutdown protections.
Minidip
ORDERING NUMBER : L4620
BLOCK DIAGRAM
®
1/9


Similar Part No. - L4620

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L4601DW1T1 LRC-L4601DW1T1 Datasheet
158Kb / 3P
Silicon NPN Epitaxial Planer Transistor(Tr1), Silicon PNP Epitaxial Planer Transistor(Tr2)
logo
STMicroelectronics
L465 STMICROELECTRONICS-L465 Datasheet
296Kb / 4P
LINEAR INTEGRATED CIRCUITS
L465A STMICROELECTRONICS-L465A Datasheet
296Kb / 4P
LINEAR INTEGRATED CIRCUITS
logo
IXYS Corporation
L468 IXYS-L468 Datasheet
45Kb / 2P
Dual HiPerFREDTM Epitaxial Diode in ISOPLUS i4-PACTM
logo
Kingbright Corporation
L469EGW KINGBRIGHT-L469EGW Datasheet
146Kb / 5P
T-1 BI COLOR INDICATOR LAMPS
More results

Similar Description - L4620

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59020E1160A041 EPCOS-B59020E1160A041 Datasheet
53Kb / 3P
Liquid level detection
logo
Magnetrol International...
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
Liquid Level Switches
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
Liquid Level Switches
logo
List of Unclassifed Man...
VCS-02 ETC2-VCS-02 Datasheet
226Kb / 2P
LIQUID LEVEL SENSOR
logo
Coto Technology
LSH COTO-LSH Datasheet
131Kb / 2P
Liquid Level Sensor
LSV COTO-LSV Datasheet
118Kb / 2P
Liquid Level Sensor
logo
TT Electronics.
DS1431 TTELEC-DS1431 Datasheet
480Kb / 2P
Platon Liquid Low Flow Alarm
logo
Littelfuse
LLC5 LITTELFUSE-LLC5 Datasheet
428Kb / 2P
Liquid Level Controls
2016 Rev: 1-A-062116
PC-XXX-LLC-CZ LITTELFUSE-PC-XXX-LLC-CZ Datasheet
265Kb / 2P
Liquid level control
2019 Rev: 2-B-043019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com