Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0.634.708 Datasheet(PDF) 4 Page - Hengstler GmbH

Part # 0.634.708
Description  Totalizing Counters „mini-i“
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HENGSTLER [Hengstler GmbH]
Direct Link  https://www.hengstler.de/en/
Logo HENGSTLER - Hengstler GmbH

0.634.708 Datasheet(HTML) 4 Page - Hengstler GmbH

  0.634.708 Datasheet HTML 1Page - Hengstler GmbH 0.634.708 Datasheet HTML 2Page - Hengstler GmbH 0.634.708 Datasheet HTML 3Page - Hengstler GmbH 0.634.708 Datasheet HTML 4Page - Hengstler GmbH 0.634.708 Datasheet HTML 5Page - Hengstler GmbH 0.634.708 Datasheet HTML 6Page - Hengstler GmbH 0.634.708 Datasheet HTML 7Page - Hengstler GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Components 2000
102
ENCODERS
COUNTERS
CONTROLLERS
INDICA T ORS
RELA YS
PRINTERS
CUTTERS
Type 635
„mini-iw“
for AC Voltage
s Miniature size
s Low power consumption
s Simple installation
s Protection class IP 65
TECHNICAL DATA
Display
6-digit
Digit height
4 mm, visual
Supply voltage Vop
according to order information, tolerance +– 10 %,
Power consumption
at 24 VAC: 85 mW, at 115 VAC: 310 mW,
at 230 VAC: 600 mW
Operating temperature
– 10 … + 50 °C
Storage temperature
– 40 … + 85 °C
El. connection
screw connection
Mounting
with clamping frame
Mounting position
horizontal
Protection class ((EN 60529) IP 65 Frontside, IP 00 Connections
^
IP 40 Front in Frontpanel
Vibrostability
30 m/s2 (10 . . . 500 Hz) acc. to IEC 068-2-6
Shock stability
800 m/s2 (6 ms) acc. to IEC 068-2-27
General design
according EN 61010-1
Contamination Level
2
Protection
according to class II
Overvoltage category
II
Maintenance-free operation 10 million pulses
Duty cycle at 25 °C
100 %
Weight
approx. 20 g
Count input
adding
Pulse length min.
50 ms
Counting frequency
10 Hz
Pulse duty factor
1:1
Reset
none
CONNECTION DIAGRAM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com