Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0.634.708 Datasheet(PDF) 6 Page - Hengstler GmbH

Part # 0.634.708
Description  Totalizing Counters „mini-i“
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HENGSTLER [Hengstler GmbH]
Direct Link  https://www.hengstler.de/en/
Logo HENGSTLER - Hengstler GmbH

0.634.708 Datasheet(HTML) 6 Page - Hengstler GmbH

  0.634.708 Datasheet HTML 1Page - Hengstler GmbH 0.634.708 Datasheet HTML 2Page - Hengstler GmbH 0.634.708 Datasheet HTML 3Page - Hengstler GmbH 0.634.708 Datasheet HTML 4Page - Hengstler GmbH 0.634.708 Datasheet HTML 5Page - Hengstler GmbH 0.634.708 Datasheet HTML 6Page - Hengstler GmbH 0.634.708 Datasheet HTML 7Page - Hengstler GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Components 2000
108
ENCODERS
COUNTERS
CONTROLLERS
INDICA T ORS
RELA YS
PRINTERS
CUTTERS
Type 869
Mini Counters
s Miniature size
s 6 or 7-digit, depending on version
s Protection class IP 40
s No reset
TECHNICAL DATA
Display
6 or 7 -digit, depending on version
Digit height
4 mm
Supply voltage Vop
24 VDC
Power consumption
1.7 W
Residual ripple
< 48 %
Operating temperature
– 10 … + 50 °C
Storage temperature
– 40 … + 85 °C
El. connection
flexible lead connection 250 mm, Ord. code 0 869 107
for 150 mm
Protection class (IEC 144)
front IP 54, connections IP 00
Vibrostability
50 m/s2 (10 . . . 500 Hz) acc. to IEC 068-2-6
Shock stability
300 m/s2 (6 ms) acc. to IEC 068-2-27
General design
EN 61010-1
Protection class II
Contamination class 2
Overvoltage category II
Duty cycle at 25 °C
100 %
Maintenance-free operation 107 pulses
Weight
approx. 80 g
Count input
adding
Pulse length min.
25 ms
Counting frequency max.
20 Hz
Pulse duty factor
1:1
Reset
none
CONNECTION DIAGRAM
Base mounting
Surface mounting
Front panel mounting



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com