Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3802 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF3802
Description  GaAs HBT PRE-DRIVER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3802 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF3802 Datasheet HTML 3Page - RF Micro Devices RF3802 Datasheet HTML 4Page - RF Micro Devices RF3802 Datasheet HTML 5Page - RF Micro Devices RF3802 Datasheet HTML 6Page - RF Micro Devices RF3802 Datasheet HTML 7Page - RF Micro Devices RF3802 Datasheet HTML 8Page - RF Micro Devices RF3802 Datasheet HTML 9Page - RF Micro Devices RF3802 Datasheet HTML 10Page - RF Micro Devices RF3802 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7 of 12
RF3802
Rev A6 DS050609
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
GSM850 Gain Phase versus POUT
(882 MHz)
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
20.0
25.0
30.0
35.0
40.0
POUT (dBm)
Gain (dB)
Normalized Phase (°)
GSM850 P1dB versus Frequency
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
865.0
870.0
875.0
880.0
885.0
890.0
895.0
900.0
Frequency (MHz)
Pin
Pout
GSM900 Gain Phase versus POUT
(940 MHz)
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
20.0
25.0
30.0
35.0
40.0
POUT (dBm)
Gain (dB)
Normalized Phase (°)
GSM900 P1dB versus Frequency
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
915.0
920.0
925.0
930.0
935.0
940.0
945.0
950.0
955.0
960.0
965.0
Frequency (MHz)
Pin
Pout
GSM900 Evaluation Board S-Parameters
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
915.0
920.0 925.0
930.0
935.0 940.0
945.0
950.0
955.0 960.0
965.0
Frequency (MHz)
S11
S21
S12
S22
GSM850 Evaluation Board S-Parameters
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
855.0
860.0
865.0 870.0 875.0
880.0
885.0
890.0 895.0
900.0
905.0
Frequency (MHz)
S11
S21
S12
S22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com