Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3802 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3802
Description  GaAs HBT PRE-DRIVER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3802 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3802 Datasheet HTML 1Page - RF Micro Devices RF3802 Datasheet HTML 2Page - RF Micro Devices RF3802 Datasheet HTML 3Page - RF Micro Devices RF3802 Datasheet HTML 4Page - RF Micro Devices RF3802 Datasheet HTML 5Page - RF Micro Devices RF3802 Datasheet HTML 6Page - RF Micro Devices RF3802 Datasheet HTML 7Page - RF Micro Devices RF3802 Datasheet HTML 8Page - RF Micro Devices RF3802 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
VBIAS
VREF
VCC1
RF IN
RF OUT/VCC2
RF OUT/VCC2
RF OUT/VCC2
RF OUT/VCC2
1
2
3
4
8
7
6
5
PACKAGE BASE
GND
Bias
Circuit
RF3802
GaAs HBT PRE-DRIVER AMPLIFIER
The RF3802 is specifically designed for wireless infrastructure applications. Using
a highly reliable GaAs HBT fabrication process, this high-performance dual-stage
amplifier achieves high output power over a broad frequency range. The RF3802
amplifier also provides excellent efficiency and thermal stability through the use of
a thermally-enhanced surface-mount AlN package. Ease of integration is accom-
plished through the incorporation of an optimized evaluation board design provided
to achieve proper 50
Ω operation. Various evaluation board configurations are avail-
able to address a broad range of wireless infrastructure applications:
• AMPS/GSM850/EDGE850
• GSM900/EDGE900
• IS-95/CDMA2000/AMPS
Features
5W Output Power
High Linearity
35% Power-Added Efficiency
Thermally Enhanced AlN Packag-
ing
Broadband Platform Design
Approach
Applications
GaAs HBT Pre-Driver for Basesta-
tion Amplifiers
Power Amplifier Stage for Com-
mercial Wireless Infrastructure
Class AB Operation for
GSM/EDGE/CDMA Transmitter
Applications
RF3802
GaAs HBT Pre-Driver Amplifier
RF3802PCBA-410
Fully Assembled Evaluation Board - GSM850
RF3802PCBA-411
Fully Assembled Evaluation Board - GSM900
Rev A6 DS050609
RF3802GaAs
HBT Pre-Driver
Amplifier
RoHS Compliant & Pb-Free Product
Package Style: AlN


Similar Part No. - RF3802

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3802 RFMD-RF3802 Datasheet
62Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3802PCBA-410 RFMD-RF3802PCBA-410 Datasheet
62Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3802PCBA-410 RFMD-RF3802PCBA-410 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3802PCBA-411 RFMD-RF3802PCBA-411 Datasheet
62Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
More results

Similar Description - RF3802

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3800 RFMD-RF3800 Datasheet
59Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802 Datasheet
62Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3805 RFMD-RF3805 Datasheet
62Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800_07 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802_06 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3806 RFMD-RF3806 Datasheet
557Kb / 18P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3807 RFMD-RF3807 Datasheet
1Mb / 18P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3809 RFMD-RF3809 Datasheet
1Mb / 18P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3809 RFMD-RF3809_1 Datasheet
809Kb / 22P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3807 RFMD-RF3807_1 Datasheet
781Kb / 20P
GaAs HBT PRE-DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com