Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-400. Datasheet(PDF) 4 Page - Brainboxes Limited

Part # BB-400.
Description  BB-400 NeuronEdge Smart Controller for Industry 4
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRAINBOXE [Brainboxes Limited]
Direct Link  https://www.brainboxes.com/
Logo BRAINBOXE - Brainboxes Limited

BB-400. Datasheet(HTML) 4 Page - Brainboxes Limited

  BB-400. Datasheet HTML 1Page - Brainboxes Limited BB-400. Datasheet HTML 2Page - Brainboxes Limited BB-400. Datasheet HTML 3Page - Brainboxes Limited BB-400. Datasheet HTML 4Page - Brainboxes Limited BB-400. Datasheet HTML 5Page - Brainboxes Limited BB-400. Datasheet HTML 6Page - Brainboxes Limited BB-400. Datasheet HTML 7Page - Brainboxes Limited BB-400. Datasheet HTML 8Page - Brainboxes Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BB
RANGE
UK +44 (0)151 220 2500 // USA +1 855 958 2502 // JAPAN +81-3-3683-0509
www.brainboxes.com // sales@brainboxes.com
Power Supply
Power Consumption
4 Watts typical, 15W Max
Power Supply input
+5V to +30Volts DC, Dual Power Inputs, reverse polarity protected
Max Input
35Volts
Isolation
1500VRMS Magnetic isolation from Ethernet
UPS
When power is interrupted a controlled shutdown is activated
40 seconds mean time till shutdown under typical workload
Network Connectivity
Ethernet Uplink Port
1x RJ45 jack, 10/100Mbps autosensing, crossover autosensing (Auto MDIX)
Ethernet LAN Port
1x RJ45 jack, 10/100Mbps autosensing, crossover autosensing (Auto MDIX)
Protection
1500V Magnetic Isolation between ports and network
Wi-Fi
802.11 b/g/n
Detachable for use with extender cable
Bluetooth
v2.1 +EDR/ v3.0 +HS/ v4.0
Bluetooth Class
Class 2
Radio Frequency
2.45 GHz
Supported Bluetooth
Profiles
SPP (Serial Port Profile)
NFC
Coming soon
Real Time Clock
Yes; with battery backup (battery not included)
Edge Processing
Processor
Raspberry Pi Compute Module 3, 1.2GHz quad-core Broadcom BCM2837 proces-
sor
RAM
1 Gbyte LPDDR2 RAM
Storage
4 Gbytes eMMC Flash
Operating System
Raspbian Lite - based on Debian Linux
Security
Latest SSH and TLS security protocols
Administration
Secure Web administration with user definable roles
Docker Support
Pre-installed with web admin interface, Customised Containers available for
NodeRed
Configurability
Full access to secure linux command line, open system, fully configurable, cus-
tom OS can be flashed into memory if required
Operating System
Compatibility
Communicate with Device over TCP from any OS
Suitable for any device with a Web Browser
Raspberry Pi
Android
Linux



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com