Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-400. Datasheet(PDF) 8 Page - Brainboxes Limited

Part # BB-400.
Description  BB-400 NeuronEdge Smart Controller for Industry 4
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRAINBOXE [Brainboxes Limited]
Direct Link  https://www.brainboxes.com/
Logo BRAINBOXE - Brainboxes Limited

BB-400. Datasheet(HTML) 8 Page - Brainboxes Limited

  BB-400. Datasheet HTML 1Page - Brainboxes Limited BB-400. Datasheet HTML 2Page - Brainboxes Limited BB-400. Datasheet HTML 3Page - Brainboxes Limited BB-400. Datasheet HTML 4Page - Brainboxes Limited BB-400. Datasheet HTML 5Page - Brainboxes Limited BB-400. Datasheet HTML 6Page - Brainboxes Limited BB-400. Datasheet HTML 7Page - Brainboxes Limited BB-400. Datasheet HTML 8Page - Brainboxes Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
BB
RANGE
BB180914
sales@brainboxes.com
support@brainboxes.com
UK & EU: +44 (0)151 220 2500
USA Toll free: +1 855 958 2502
Brainboxes Limited
18 Hurricane Drive,
Liverpool International
Business Park, Speke,
Liverpool, Merseyside,
L24 8RL,
United Kingdom
Brainboxes LLC
4500 140th Avenue North
Suite 101,
Clearwater
FL 33762,
USA
Brainboxes Japan
8-26-5-506 Kameido,
Koto-ku,
Tokyo-to 136-0071,
Japan
GB AEOF 00031/11
Packaging Information
Packaging
Quick Start Guide
Device
BB-400
Packaged Weight
0.300 kg, 10.58 ounces
Packaged Dims
160x135x49 mm, 6.3x5.3x1.9 inches
GTIN Universal Code
837324004441
Approvals
Industry Approvals
Microsoft Certified Gold Partner, WEEE, RoHS, AEO (C-TPAT), CE
Product Support
Warranty
Lifetime - online registration required
Support
Lifetime Web, Email and Phone Support from fully qualified, friendly staff
who work in and alongside the Product Development Team
Additional Information
OEM option
Available for bulk buy OEM
Made In
Manufactured in the UK by Brainboxes Winner 2005 European Electronics
Industry Awards ‘Manufacturer of the Year’
Customisable
Brainboxes operate a ‘Perfect Fit Custom Design’ policy for volume users.
More info:sales@brainboxes.com
sales@brainboxes.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com