Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3334 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3334
Description  IF LOW NOISE AMPLIFIER/MIXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3334 Datasheet(HTML) 3 Page - RF Micro Devices

  RF3334 Datasheet HTML 1Page - RF Micro Devices RF3334 Datasheet HTML 2Page - RF Micro Devices RF3334 Datasheet HTML 3Page - RF Micro Devices RF3334 Datasheet HTML 4Page - RF Micro Devices RF3334 Datasheet HTML 5Page - RF Micro Devices RF3334 Datasheet HTML 6Page - RF Micro Devices RF3334 Datasheet HTML 7Page - RF Micro Devices RF3334 Datasheet HTML 8Page - RF Micro Devices RF3334 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 of 12
RF3334
Rev A6 DS061016
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
LO
LO Frequency Range
0 to 800
MHz
LO Input Impedance
75
Ω
Differential
LO Input VSWR
1.6:1
LO Input Level
80
dBuV
LO Bandwidth
800
MHz
LO Rejection to RF Input
50
dB
LO Rejection to Input of IF Ampli-
fier
65
dB
IF Amplifier
IF Frequency Range
0 to 120
MHz
Input Impedance
4000
Ω
Differential
Output Impedance
10
Ω
Differential
Differential Voltage Gain
Gain Set Resistor=2500
Ω
10
dB
R1=1k
Ω
Gain Set Resistor=140
Ω
31
dB
R1=1k
Ω
Gain Set Resistor=5
Ω
40
dB
R1=1k
Ω
IF 3dB Bandwidth
140
MHz
Gain Set=5
Ω
Equivalent Input Noise
1.5
μVrms
Gain Set=140
Ω
Output Swing
6
8
VP-P
Into 1k
Ω load, at 50MHz
Output 1dB Compression
127
dB
μV(rms)
Into 1k
Ω load, at 50MHz
Output IP3
137
dB
μV(rms)
Into 1k
Ω load, at 50MHz
Thermal
VCC=5.25V, VRFAGC=4.5V, ICC=29mA,
PDISS=154mW
ThetaJC
65
°C/W
Maximum Measured Junction
Temperature at
DC Bias Conditions
95
°C
TAMB=+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com