Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3334 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF3334
Description  IF LOW NOISE AMPLIFIER/MIXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3334 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF3334 Datasheet HTML 4Page - RF Micro Devices RF3334 Datasheet HTML 5Page - RF Micro Devices RF3334 Datasheet HTML 6Page - RF Micro Devices RF3334 Datasheet HTML 7Page - RF Micro Devices RF3334 Datasheet HTML 8Page - RF Micro Devices RF3334 Datasheet HTML 9Page - RF Micro Devices RF3334 Datasheet HTML 10Page - RF Micro Devices RF3334 Datasheet HTML 11Page - RF Micro Devices RF3334 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9 of 12
RF3334
Rev A6 DS061016
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
LNA + AGC + Mixer Gain versus Control Voltage over
Temperature (Freq = 100 MHz, VCC = 5.0 V)
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
0.51.0
1.52.0
2.53.0
3.54.0
4.5
RFAGC (V)
-40°C
+25°C
+85°C
LNA + AGC + Mixer + IF AMP - IIP3 versus Gain over
Temperature (Freq = 100 MHz, VCC = 5.0 V)
70.0
72.0
74.0
76.0
78.0
80.0
82.0
84.0
86.0
88.0
90.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
65.0
Gain (dB)
-40°C
+25°C
+85°C
SSB, Cascaded Noise Figure versus Gain over
Temperature (Freq = 100 MHz, VCC = 5.0 V)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
65.0
Gain (dB)
-40°C
+25°C
+85°C
RF Input VSWR versus Frequency Across Temperature
(VCC = 5.0 V)
1.20
1.22
1.24
1.26
1.28
1.30
1.32
1.34
1.36
1.38
1.40
70.00
80.00
90.00
100.00
110.00
120.00
130.00
Frequency (MHz)
-40°C
+25°C
+85°C
LO Input VSWR versus Temperature Across
Temperature (VCC = 5.0 V)
1.50
1.55
1.60
1.65
1.70
1.75
118.00
128.00
138.00
148.00
158.00
168.00
178.00
Frequency (MHz)
-40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com