Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA849
Description  PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output, Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 4 Page - Texas Instruments

  INA849 Datasheet HTML 1Page - Texas Instruments INA849 Datasheet HTML 2Page - Texas Instruments INA849 Datasheet HTML 3Page - Texas Instruments INA849 Datasheet HTML 4Page - Texas Instruments INA849 Datasheet HTML 5Page - Texas Instruments INA849 Datasheet HTML 6Page - Texas Instruments INA849 Datasheet HTML 7Page - Texas Instruments INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
5 Pin Configuration and Functions
1
A2
12
DA_IN–
2
IN+
11
OUT
3
IN–
10
REF
4
A0
9
DA_IN+
Not to scale
Thermal Pad
Figure 5-1. RGT Package, 16-Pin VQFN (Top View)
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
A0
4
Input
Gain-setting pin 0
A1
5
Input
Gain-setting pin 1
A2
1
Input
Gain-setting pin 2
DA_IN+
9
Input
Connection to output difference amplifier summing node
DA_IN–
12
Input
Connection to output difference amplifier summing node
DGND
16
Power
Ground reference for digital-logic and gain-setting pins
IN–
3
Input
Negative (inverting) input
IN+
2
Input
Positive (noninverting) input
LVDD
7
Power
Output-driver positive supply
LVSS
14
Power
Output-driver negative supply
NC
8, 13
—
Do not connect
OUT
11
Output
Output
REF
10
Input
Reference input. Drive this pin with a low-impedance source
VS–
15
Power
Input-stage negative supply
VS+
6
Power
Input-stage positive supply
Thermal Pad
Thermal pad
—
Solder the thermal pad to the printed-circuit board (PCB). Connect the thermal pad to a
plane or large copper pour that is either floating or electrically connected to VS–. Make this
connection even for applications that have low power dissipation.
PGA848
SBOSAN4A – AUGUST 2025 – REVISED DECEMBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: PGA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com