Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA849
Description  PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output, Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA849 Datasheet HTML 9Page - Texas Instruments INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments INA849 Datasheet HTML 12Page - Texas Instruments INA849 Datasheet HTML 13Page - Texas Instruments INA849 Datasheet HTML 14Page - Texas Instruments INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15V, VICM = VREF = 0V, RL = 10kΩ connected to ground, and G =1V/V (unless otherwise noted)
Input Offset Current (nA)
0
5
10
15
20
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
N = 8126
Mean = 0.0067nA
Std. dev = 0.1473nA
G = 1V/V
Figure 6-25. Distribution of Input Offset Current
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
Mean
+3
-3
N = 36
1 wafer lot
G = 1V/V
Figure 6-26. Input Offset Current vs Temperature
Frequency (Hz)
5
7
10
20
30
50
70
100
200
300
500
700
1000
100m
1
10
100
1k
10k
100k
G = 0.5
G = 1
G = 2
G = 5
G = 10
G = 20
G = 50
G = 100
Typical unit shown
.
Figure 6-27. Voltage Noise Spectral Density (RTI) vs Frequency
Time (1 s/div)
Typical unit shown
G = 100V/V
Figure 6-28. 0.1Hz to 10Hz Voltage Noise (RTI)
Time (1 s/div)
Typical unit shown
G = 1V/V
Figure 6-29. 0.1Hz to 10Hz Voltage Noise (RTI)
Time (1 s/div)
Typical unit shown
G = 0.5V/V
Figure 6-30. 0.1Hz to 10Hz Voltage Noise (RTI)
www.ti.com
PGA848
SBOSAN4A – AUGUST 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: PGA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com